Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 56 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 56 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 52Page - TE Connectivity Ltd 03303003 Datasheet HTML 53Page - TE Connectivity Ltd 03303003 Datasheet HTML 54Page - TE Connectivity Ltd 03303003 Datasheet HTML 55Page - TE Connectivity Ltd 03303003 Datasheet HTML 56Page - TE Connectivity Ltd 03303003 Datasheet HTML 57Page - TE Connectivity Ltd 03303003 Datasheet HTML 58Page - TE Connectivity Ltd 03303003 Datasheet HTML 59Page - TE Connectivity Ltd 03303003 Datasheet HTML 60Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 106 page
background image
www.hubbell-wiring.com
V-56
Wiring Device-Kellems
®
Strain Relief System Selection Chart
Grip Type
Application
Features
Cord or Conduit
Range Inches (cm)
Type Fitting or
Attachment
Page Number
Deluxe Cord
Aluminum
Fitting/
Stainless
Steel Grip
Outdoors or indoors where
subjected to moisture or
splash. Examples are crane
and hoist pendant drop
stations, hand tools, pumps
and processing equipment.
Aluminum fittings,
stainless steel mesh,
neoprene oil-and-
watertight bushing.
Double-single weave.
.187"-3.250"
(.47-8.25)
NPT, PG, and metric
aluminum, male straight,
45° male, 90° male,
female straight.
Thread sizes ³⁄₈"-3".
V-58, V-59,
V-62
Deluxe Cord
Nylon Fitting/
Stainless
Steel Grip
Outdoors or indoors where
subjected to moisture or
splash. Examples are
marine and food
processing equipment.
Nylon fitting, stainless
steel mesh, double-single
weave, neoprene oil-and-
watertight bushing.
.187"-1.125"
(.47-2.86)
NPT nylon, male straight,
90° male. Thread sizes
½"-1".
V-60
Deluxe Cord
Nylon Fitting/
Non-metallic
Grip
Indoor or outdoors.
Provides liquidtight seal,
where exposed to moisture.
Excellent for oil refining
and chemical processing.
Non-metallic grip is
corrosion resistant,
nonconductive and
provides superior grip-
ping and flexing benefits.
Neoprene liquidtight
bushing. Nylon fitting.
.187"-1.000"
(.47-2.54)
NPT nylon, straight male,
thread sizes ³⁄₈"-1" 90° male,
thread sizes ½"-1".
V-61
Deluxe Cord
Stainless
Steel Fitting
And Grip
Indoor or outdoor use where
exposed to moisture. Very
strong for heavy abuse areas
such as drilling platforms,
steel mills and mines.
Stainless steel fitting
and grip for strength.
Neoprene liquidtight
bushing. Double/single
weave grip.
.187"-1.000"
(.47-2.54)
Straight male
Only with NPT
Thread sizes ½"-1".
V-61
Dust-Tight
Strain Relief
Indoor use only for wiring
of electrical enclosures,
machine tools, portable
power tools, bus drop
cable systems.
Neoprene gasket–seals
out chips, dirt, dust.
One piece design with
galvanized steel mesh.
Insulating bushing available.
Zinc-plated steel locknut.
.240"-2.450"
(.61-6.22)
Straight male NPS
or NPT
V-63
Liquidtight
Flexible
Conduit Grip
(Metal and
Non-Metallic)
Wiring of machine tools,
electrical enclosures, motors
and systems where metallic
liquidtight flexible conduit
is subjected to vibration,
flexure, motion or strain.
Stainless steel mesh,
liquidtight fittings.
Sealing “O" rings
(optional). Choice
of fittings.
.375"-4.000"
trade sizes
NPT ½"-4",
Hubbell fittings,
Male straight,
45° male, 90° male,
female straight.
V-66, V-67
Liquidtight
Flexible
Conduit Grip
(UL Type A)
Wiring or machine tools,
electrical enclosures,
motors and systems
where conduit is subject
to vibration and strain.
Stainless steel mesh,
liquidtight fittings with
“O" ring and locknut.
.375"-2.008"
trade size male
NPT steel,
Hubbell fittings,
straight male, 90°
Thread sizes ½"-2".
V-68
Kellems® Wire Management Products
Strain Relief System Selection Chart
Strain Relief Grips
Kellems Strain Relief Grips are designed to prevent tension
from being transmitted to joints and terminals on electrical
cord, cable and conduit. In most applications, a Kellems
grip for strain relief is stronger than the cable itself and gives
much greater security than the use of a fitting alone. Kellems
Grips for strain relief help make electrical systems safer, and
save money by minimizing downtime from costly electrical
failure due to cable pull-out. Kellems Grips also aid in
compliance with the National Electric Code’s terminal
tension protection requirements.
Select the Correct Grip for Strain Relief
Kellems Grips for strain relief are designed to fit on electrical
cord, cable or flexible conduit.
Step 1 Refer to the chart below to determine the grip style
best suited for your application.
Step 2 Determine your cable outside diameter or conduit size.
Step 3 Locate environment—indoors or outdoors.
Step 4 Decide if a liquidtight seal is required.
Step 5 Select NPT size and fitting style.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com