Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 71 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 71 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 67Page - TE Connectivity Ltd 03303003 Datasheet HTML 68Page - TE Connectivity Ltd 03303003 Datasheet HTML 69Page - TE Connectivity Ltd 03303003 Datasheet HTML 70Page - TE Connectivity Ltd 03303003 Datasheet HTML 71Page - TE Connectivity Ltd 03303003 Datasheet HTML 72Page - TE Connectivity Ltd 03303003 Datasheet HTML 73Page - TE Connectivity Ltd 03303003 Datasheet HTML 74Page - TE Connectivity Ltd 03303003 Datasheet HTML 75Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 106 page
background image
V-71
www.hubbell-wiring.com
Wiring Device-Kellems
®
A
(Overall)
B Ref.
C
D
F
E
Deluxe Cord Grips Fitting Dimensions
Straight Hubbell Connectors
Aluminum, Inches (cm)
Nylon, Inches (cm)
Stainless Steel, Inches (cm)
F
NPT
Inches
Form
A
Dia.
B
Ref.
C
D
Throat
Dia.
E
A
Dia.
B
Ref.
C
D
Throat
Dia.
E
A
B
Ref.
C
D
Throat
Dia.
E
A/C*
A/F*
A/C*
A/F*
A/C*
A/F*
A/C*
A/F*
³⁄₈
-18
1 .88"
(2.24)
.90"
(2.29)
.46"
(1.17)
.44"
(1.12)
.99"
(2.51)
.88"
(2.24)
1.00"
(2.54)
1.10"
(2.79)
.43"
(1.09)
.45"
(1.14)
1.00"
(2.54)
.93"
(2.36)
1.01"
(2.57)
.88"
(2.24)
.90"
(2.29)
.46"
(1.17)
.45"
(1.14)
.87"
(2.21)
.75"
(1.90)
½-14
1 .88"
(2.24)
.90"
(2.29)
.46"
(1.17)
.44"
(1.12)
.99"
(2.51)
.88"
(2.24)
1.00"
(2.54)
1.10"
(2.79)
.43"
(1.09)
.45"
(1.14)
1.00"
(2.54)
.93"
(2.36)
—
—
—
—
—
—
—
½-14
2 1.13"
(2.87)
1.10"
(2.79)
.55"
(1.40)
.64"
(1.63)
1.11"
(2.82)
1.00"
(2.54)
1.32"
(3.35)
1.50"
(3.81)
.53"
(1.35)
.58"
(1.47)
1.25"
(3.17)
1.12"
(2.84)
1.30"
(3.30)
1.13"
(2.87)
1.10"
(2.79)
.54"
(1.37)
.63"
(1.60)
1.16"
(2.95)
1.00"
(2.54)
½-14
3 1.38"
(3.51)
1.50"
(3.81)
.55"
(1.40)
.64"
(1.63)
1.40"
(3.56)
1.25"
(3.17)
—
—
—
—
—
—
—
—
—
—
—
—
—
¾-14
2 1.13"
(2.87)
1.10"
(2.79)
.55"
(1.40)
.64"
(1.63)
1.29"
(3.28)
1.13"
(2.87)
—
—
—
—
—
—
—
—
—
—
—
—
—
¾-14
3 1.38"
(3.51)
1.50"
(3.81)
.55"
(1.40)
.82"
(2.08)
1.40"
(3.56)
1.25"
(3.17)
1.56"
(3.96)
1.60"
(4.06)
.55"
(1.40)
.77"
(1.96)
1.44"
(3.66)
1.31"
(3.33)
1.59"
(4.04)
1.38"
(3.51)
1.30"
(3.30)
.56"
(1.42)
.81"
(2.06)
1.44"
(3.66)
1.25"
(3.17)
1-11½
3 —
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
1-11½
4 1.75"
(4.44)
1.60"
(4.06)
.71"
(1.80)
1.02"
(2.59)
1.81"
(4.60)
1.62"
(4.11)
1.88"
(4.78)
1.75"
(4.44)
.70"
(1.78)
1.01"
(2.57)
1.84"
(4.67)
1.63"
(4.14)
2.02"
(5.13)
1.75"
(4.44)
1.40"
(3.56)
.70"
(1.78)
1.03"
(2.62)
1.88"
(4.78)
1.63"
(4.14)
1-11½
5 2.31"
(5.87)
1.70"
(4.32)
.66"
(1.68)
1.01"
(2.57)
2.28"
(5.79)
2.00"
(5.08)
—
—
—
—
—
—
—
—
—
—
—
—
—
1¼-11½
5 2.31"
(5.87)
1.70"
(4.32)
.74"
(1.88)
1.26"
(3.20)
2.28"
(5.79)
2.12"
(5.38)
—
—
—
—
—
—
—
—
—
—
—
—
—
1½-11
5 2.31"
(5.87)
1.70"
(4.32)
.74"
(1.88)
1.38"
(3.51)
2.28"
(5.79)
2.12"
(5.38)
—
—
—
—
—
—
—
—
—
—
—
—
—
1½-11½
6 3.00"
(7.62)
2.20"
(5.59)
.75"
(1.90)
1.50"
(3.81)
2.97"
(7.54)
2.75"
(6.98)
—
—
—
—
—
—
—
—
—
—
—
—
—
2-11½
6 3.00"
(7.62)
2.20"
(5.59)
.80"
(2.03)
1.92"
(4.88)
3.24"
(8.24)
3.00"
(7.62)
—
—
—
—
—
—
—
—
—
—
—
—
—
2-11½
7 3.85"
(9.78)
2.70"
(6.86)
.88"
(2.24)
1.94"
(4.93)
4.05"
(10.29)
3.75"
(9.52)
—
—
—
—
—
—
—
—
—
—
—
—
—
2½-8
7 3.85"
(9.78)
2.70"
(6.86)
1.30"
(3.30)
2.32"
(5.89)
4.34"
(11.02)
4.02"
(10.21)
—
—
—
—
—
—
—
—
—
—
—
—
—
2½-8
8 4.75"
(12.06)
2.70"
(6.86)
1.25"
(3.17)
2.38"
(6.05)
4.86"
(12.34)
4.50"
(11.43)
—
—
—
—
—
—
—
—
—
—
—
—
—
3-8
7 3.85"
(9.78)
2.70"
(6.86)
1.30"
(3.30)
2.54"
(6.45)
4.34"
(11.02)
4.01"
(10.21)
—
—
—
—
—
—
—
—
—
—
—
—
—
3-8
8 4.50"
(11.43)
2.70"
(6.86)
1.38"
(3.51)
3.00"
(7.62)
4.86"
(12.34)
4.50"
(11.43)
—
—
—
—
—
—
—
—
—
—
—
—
—
Note: *A/C— Across Corners; A/F—Across Flats.
Dimensions shown are approximate and
are subject to change without notice.
Kellems® Wire Management Products
Technical Information
Strain Relief Grips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com