Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 96 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 96 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 92Page - TE Connectivity Ltd 03303003 Datasheet HTML 93Page - TE Connectivity Ltd 03303003 Datasheet HTML 94Page - TE Connectivity Ltd 03303003 Datasheet HTML 95Page - TE Connectivity Ltd 03303003 Datasheet HTML 96Page - TE Connectivity Ltd 03303003 Datasheet HTML 97Page - TE Connectivity Ltd 03303003 Datasheet HTML 98Page - TE Connectivity Ltd 03303003 Datasheet HTML 99Page - TE Connectivity Ltd 03303003 Datasheet HTML 100Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 106 page
background image
www.hubbell-wiring.com
V-96
Wiring Device-Kellems
®
A
Thread Size
(N.P.S.)
C
Minimum
Thk.
B
Maximum
Diameter
A
C
B
A
C
B
NPT Thread Locknuts
Zinc-Plated Steel
NPT
Hub
Size
A
Inside Diameter
B
Outside Dia.
C
Thickness
Steel
Catalog Number
Inches
Inches (mm)
Inches (mm)
½
½"-14
1.14"
(29.0)
.09"
(2.3)
00322001LPK50
¾
¾"-14
1.43"
(36.3)
.11"
(2.8)
00322002LPK50
1
1"-11½
1.77"
(45.0)
.13"
(3.3)
00322003LPK50
1¼
1¼"-11½
2.28"
(57.9)
.13"
(3.3)
00322004LPK50
1½
1½"-11½
2.60"
(66.0)
.13"
(3.3)
00322005LPK50
Metal Clad Sealing O-Rings – Sizes ½ - 4
Zinc-Plated Steel with Neoprene Ring
NPT
Hub
Size
A
Inside Diameter
B
Outside Dia.
C
Thickness
Catalog Number
Inches
(mm)
Inches (mm)
Inches (mm)
½
.80"
(20.3)
1.08"
(27.4)
.16"
(3.2)
20509001
¾
1.00"
(25.4)
1.34"
(34.0)
.16"
(3.2)
20509002
1
1.25"
(31.6)
1.63"
(41.4)
.16"
(3.2)
20509003
1¼
1.61"
(40.9)
2.00"
(50.8)
.16"
(3.2)
20509004
1½
1.84"
(46.7)
2.36"
(59.9)
.16"
(3.2)
20509005
2
2.31"
(58.7)
2.83"
(71.9)
.16"
(3.2)
20509006
Chrome Plated Steel with Neoprene Ring
2½
2.91"
(73.9)
3.44"
(87.4)
.24"
(6.1)
20509007
3
3.52"
(89.4)
4.08"
(103.6)
.24"
(6.1)
20509008
Nylon PG Thread Locknuts
PG Thread
Size
A
Inches
(mm)
B
Inches (mm)
C
Inches (mm)
Catalog Number
PG7
.75"
(19.1)
.80"
(20.3)
.22"
(5.6)
LNP7BPK100
PG9
.86"
(21.8)
.91"
(23.2)
.22"
(5.6)
LNP9BPK100
PG11
.94"
(23.9)
1.03"
(26.2)
.22"
(5.6)
LNP11BPK100
PG13.5
1.06"
(26.9)
1.14"
(29.0)
.24"
(6.1)
LNP13BPK100
PG16
1.18"
(30.0)
1.30"
(33.0)
.25"
(6.1)
LNP16BPK100
PG21
1.41"
(35.8)
1.54"
(39.1)
.25"
(6.1)
LNP21BPK100
PG29
1.81"
(46.0)
2.00"
(50.8)
.25"
(6.1)
LNP29BPK25
PG36
2.24"
(56.9)
2.50"
(63.5)
.25"
(6.1)
LNP36BPK25
Nylon Metric Thread Locknuts
PG Thread
Size
A
Inches
(mm)
B
Inches (mm)
C
Inches (mm)
Catalog Number
M12
.75"
(19.1)
.82"
(20.8)
.22"
(5.6)
LNM12BPK100
M16
.87"
(22.09)
.98"
(25.0)
.22"
(5.6)
LNM16BPK100
M20
1.06"
(27.0)
1.18"
(30.0)
.25"
(6.4)
LNM20BPK100
M25
1.38"
(35.1)
1.54"
(39.1)
.28"
(7.1)
LNM25BPK100
M32
1.61"
(40.9)
1.80"
(45.7)
.28"
(7.1)
LNM32BPK100
M40
1.97"
(50.0)
2.18"
(55.4)
.28"
(7.1)
LNM40BPK100
Kellems® Wire Management Products
Technical Information
Locknuts and Sealing O-Rings
Dimensions shown are approximate and
are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com