Electronic Components Datasheet Search
  English  ▼

X  

03303003 Datasheet(PDF) 90 Page - TE Connectivity Ltd

Part # 03303003
Description  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

03303003 Datasheet(HTML) 90 Page - TE Connectivity Ltd

Back Button 03303003 Datasheet HTML 86Page - TE Connectivity Ltd 03303003 Datasheet HTML 87Page - TE Connectivity Ltd 03303003 Datasheet HTML 88Page - TE Connectivity Ltd 03303003 Datasheet HTML 89Page - TE Connectivity Ltd 03303003 Datasheet HTML 90Page - TE Connectivity Ltd 03303003 Datasheet HTML 91Page - TE Connectivity Ltd 03303003 Datasheet HTML 92Page - TE Connectivity Ltd 03303003 Datasheet HTML 93Page - TE Connectivity Ltd 03303003 Datasheet HTML 94Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
www.hubbell-wiring.com
V-90
Wiring Device-Kellems
®
Dimensions shown are approximate and
are subject to change without notice.
B Ref.
A
Ref.
D
C
E
F
G
B Ref.
A
D
C
E
F
G
45° Hubbell Connectors
Aluminum Inches (mm)
Zinc Plated Steel Inches (mm)
F
NPT
Inches
Form
A
Dia.
B
Ref.
C
D
Throat
Dia.
E
G
Dia.
A
Dia.
B
Ref.
C
D
Throat
Dia.
E
G
Across
Corners
Across
Flats
Across
Corners
Across
Flats
Across
Corners
Across
Flats
½-14
2
2.00"
(50.8)
1.90"
(48.3)
.55"
(14.0)
.56"
(14.2)
1.27"
(32.3)
1.10"
(27.9)
1.13"
(28.6)
1.97"
(50.0)
1.90"
(48.3)
.55"
(14.0)
.57"
(14.4)
1.24"
(31.5)
1.06"
(26.9)
1.27"
(32.3)
1.13"
(28.6)
¾-14
3
2.30"
(58.4)
2.50"
(65.3)
.56"
(14.2)
.75"
(19.0)
1.48"
(37.6)
1.28"
(32.5)
1.38"
(34.9)
—
—
—
—
—
—
—
—
1-11½
4
2.60"
(66.0)
2.80"
(71.1)
.70"
(17.8)
1.00"
(25.4)
1.69"
(42.9)
1.50"
(38.1)
1.75"
(44.4)
—
—
—
—
—
—
—
—
1½-11½
5
3.90"
(99.1)
3.90"
(9.91)
.74"
(18.8)
1.25"
(31.7)
2.45"
(62.2)
2.13"
(54.0)
2.31"
(58.7)
—
—
—
—
—
—
—
—
1½-11½
5
3.90"
(99.1)
3.90"
(99.1)
.74"
(18.8)
1.50"
(38.1)
2.45"
(62.2)
2.13"
(54.0)
2.31"
(58.7)
—
—
—
—
—
—
—
—
90° Hubbell Connectors
Aluminum Inches (mm)
Zinc Plated Steel Inches (mm)
F
NPT
Inches
Form
A
Dia.
B
Ref.
C
D
Throat
Dia.
E
G
Dia.
A
Dia.
B
Ref.
C
D
Throat
Dia.
E
G
Across
Corners
Across
Flats
Across
Corners
Across
Flats
Across
Corners
Across
Flats
³⁄₈
-18
1
1.27"
(32.3)
2.00"
(50.8)
.46"
(11.7)
.44"
(11.2)
1.15"
(29.2)
1.10"
(27.9)
.88"
(22.2)
—
—
—
—
—
—
—
—
½-14
2
1.56"
(39.6)
2.30"
(58.4)
.50"
(12.7)
.55"
(13.9)
1.30"
(33.0)
1.13"
(28.7)
1.13"
(28.6)
1.65"
(41.9)
2.38"
(60.5)
.55"
(14.0)
.55"
(13.8)
1.29"
(32.8)
1.13"
(28.7)
1.27"
(32.3)
1.13"
(28.6)
¾-14
3
1.79"
(45.5)
2.80"
(71.1)
.56"
(14.2)
.77"
(19.4)
1.49"
(37.8)
1.31"
(33.3)
1.38"
(34.9)
1.88"
(47.8)
2.90"
(73.7)
.56"
(14.2)
.77"
(19.4)
1.52"
(38.6)
1.33"
(33.8)
1.55"
(39.2)
1.38"
(34.9)
1-11½
4
2.08"
(52.8)
3.20"
(81.3)
.70"
(17.8)
1.00"
(25.4)
1.70"
(43.2)
1.50"
(38.1)
1.75"
(44.4)
2.16"
(54.9)
3.20"
(81.3)
.70"
(17.8)
1.00"
(25.4)
1.72"
(43.7)
1.50"
(38.1)
1.92"
(48.8)
1.69"
(42.8)
1¼-11½
5
3.18"
(80.8)
4.30"
(109.2)
.73"
(18.5)
1.26"
(32.0)
2.47"
(62.7)
2.15"
(54.6)
2.31"
(58.7)
—
—
—
—
—
—
—
—
1½-11½
5
3.18"
(80.8)
4.30"
(109.2)
.75"
(19.2)
1.50"
(38.1)
2.47"
(62.7)
2.15"
(54.6)
2.31"
(58.7)
—
—
—
—
—
—
—
—
2-11½
6
3.51"
(89.2)
5.50"
(139.7)
.80"
(20.3)
1.92"
(48.8)
2.98"
(75.7)
2.78"
(70.6)
3.00"
(76.2)
—
—
—
—
—
—
—
—
90° Hubbell Connectors
Nylon Inches (mm)
F
NPT
Inches
Form
A
Dia.
B
Ref.
C
D
Throat
Dia.
E
G
Dia.
Across
Corners
Across
Flats
³⁄₈
-18
1
—
—
—
—
—
—
—
½-14
2
1.41"
(35.8)
2.50"
(63.5)
.55"
(14.0)
.58"
(14.6)
1.23"
(31.2)
1.12"
(28.2)
1.32"
(33.4)
¾-14
3
1.65"
(41.9)
2.81"
(71.4)
.56"
(14.2)
.77"
(19.4)
1.42"
(36.1)
1.29"
(32.8)
1.56"
(39.6)
1-11½
4
1.99"
(50.5)
3.30"
(83.8)
.70"
(17.8)
1.01"
(25.7)
1.82"
(46.2)
1.60"
(40.6)
1.88"
(47.6)
Kellems® Wire Management Products
Technical Information
Cord Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com