Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 10Page - Texas Instruments TPS25751AS Datasheet HTML 11Page - Texas Instruments TPS25751AS Datasheet HTML 12Page - Texas Instruments TPS25751AS Datasheet HTML 13Page - Texas Instruments TPS25751AS Datasheet HTML 14Page - Texas Instruments TPS25751AS Datasheet HTML 15Page - Texas Instruments TPS25751AS Datasheet HTML 16Page - Texas Instruments TPS25751AS Datasheet HTML 17Page - Texas Instruments TPS25751AS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
6.10 PP_EXT Characteristics - TPS25751AS (continued)
Operating under these conditions unless otherwise noted: , 3V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VGATE_ON
Sourcing voltage (ON)
0V ≤ VVSYS ≤ 22V,
IGATE_VSYS < 4µA, measure
VGATE_VSYS – VVSYS, VVBUS
> 4V
6
12
V
4V ≤ VVBUS ≤ 22V,
IGATE_VBUS < 4µA, measure
VGATE_VBUS – VVBUS
6
12
V
VRCP
Comparator mode RCP threshold,
VVSYS - VVBUS
4V ≤ VVBUS ≤ 22V,
VVIN_3V3 ≤ 3.63V
2
6
10
mV
IGATE_OFF
Sinking strength
Normal turnoff: VVSYS = 5V,
VGATE_VSYS = 6V, measure
IGATE_VSYS
13
µA
Normal turnoff: VVBUS
= VVSYS = 5V, VGATE_VBUS
= 6V, measure IGATE_VBUS
13
µA
RGATE_FSD
Sinking strength
Fast turnoff: VVSYS = 5V,
VGATE_VSYS = 6V, assert
PPHV1_FAST_DISABLE,
measure RGATE_VSYS
85
Ω
Fast turnoff: VVBUS
= VVSYS = 5V,
VGATE_VBUS = 6V, assert
PPHV1_FAST_DISABLE,
measure RGATE_VBUS
85
Ω
RGATE_OFF_UVLO
Sinking strength in UVLO (safety)
VVIN_3V3 = 0V, VVBUS
= 3V, VGATE_VSYS =
0.1V, measure resistance
from GATE_VSYS to GND
1.5
MΩ
SS
Soft start slew rate for GATE_VSYS
4V ≤ VVBUS ≤ 22V,
ILOAD = 100mA, 500pF
< CGATE_VSYS < 16nF,
measure slope from 10% to
90% of final VSYS value
2.8
3.3
3.80
V/ms
tGATE_VBUS_OFF
Time allowed to disable the external
FET via GATE_VBUS in normal
shutdown mode.(1)
VVBUS = 20V, QG of
external FET = 40nC or
CGATE_VBUS < 3nF, gate
is off when VGATE_VBUS –
VVBUS < 1V
450
4000
µs
tGATE_VBUS_OVP
Time allowed to disable the
external FET via GATE_VBUS in
fast shutdown mode (VOVP4RCP
exceeded), this includes the
response time of the comparator(1)
OVP: VOVP4RCP = setting
57, VVBUS = 20V initially,
then raised to 23V in 50ns,
QG of external FET = 40nC
or CGATE_VBUS < 3nF, gate
is off when VGATE_VBUS –
VVBUS < 1V
3
5
µs
tGATE_VBUS_RCP
Time allowed to disable the external
FET via GATE_VBUS in fast
shutdown mode (VRCP exceeded),
this includes the response time of the
comparator(1)
RCP: VRCP = setting 0,
VVBUS = 5V, VVSYS = 5V
initially, then raised to 5.5V
in 50ns, QG of external FET
= 40 nC or CGATE_VBUS
< 3nF, gate is off when
VGATE_VBUS – VVBUS < 1V
1
2
µs
tGATE_VSYS_OFF
Time allowed to disable the external
FET via GATE_VSYS in normal
shutdown mode(1)
VVSYS= 20V, QG of external
FET = 40nC or CGATE_VBUS
< 3nF, gate is off when
VGATE_VSYS – VVSYS < 1V
450
4000
µs
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com