Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 44 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 44 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 40Page - Texas Instruments TPS25751AS Datasheet HTML 41Page - Texas Instruments TPS25751AS Datasheet HTML 42Page - Texas Instruments TPS25751AS Datasheet HTML 43Page - Texas Instruments TPS25751AS Datasheet HTML 44Page - Texas Instruments TPS25751AS Datasheet HTML 45Page - Texas Instruments TPS25751AS Datasheet HTML 46Page - Texas Instruments TPS25751AS Datasheet HTML 47Page - Texas Instruments TPS25751AS Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
8.3.9 BC 1.2 (USB_P, USB_N)
The TPS25751A supports BC 1.2 as a Portable Device or Downstream Port using the hardware shown in Figure
8-24.
Figure 8-24. BC1.2 Hardware Components
8.3.10 Digital Interfaces
The TPS25751A contains several different digital interfaces which can be used for communicating with other
devices. The available interfaces include one I2C controller, one I2C target and additional GPIOs.
8.3.10.1 General GPIO
GPIOx pins can be mapped to USB Type-C, USB PD, and application-specific events to control other ICs,
interrupt a host processor, or receive input from another IC. This buffer is configurable to be a push-pull output,
a weak push-pull, or open drain output. When configured as an input, the signal can be a de-glitched digital
input. The push-pull output is a simple CMOS output with independent pull-down control allowing open-drain
connections. The weak push-pull is also a CMOS output, but with GPIO_RPU resistance in series with the drain.
The supply voltage to the output buffer is LDO_3V3 and LDO_1V5 to the input buffer. When interfacing with non
3.3V I/O devices the output buffer can be configured as an open drain output and an external pull-up resistor
attached to the GPIO pin. The pull-up and pull-down output drivers are independently controlled from the input
and are enabled or disabled via application code in the digital core.
Table 8-3. GPIO Functionality Table
PIN NAME
TYPE
SPECIAL FUNCTIONALITY
GPIO0
I/O
General-purpose input or output, or LD1 for Liquid Detection
GPIO1
I/O
General-purpose input or output
GPIO2
I/O
General-purpose input or output, or LD2 for Liquid Detection
GPIO3
I/O
General-purpose input or output
GPIO4
I/O
D+, general-purpose input or output
GPIO5
I/O
D-, general-purpose input or output
GPIO6
I/O
General-purpose input or output
GPIO7
I/O
General-purpose input or output
I2Ct_IRQ(GPIO10)
O
IRQ for optional I2Ct, or used as a general-purpose output
GPIO11
O
General-purpose output
I2Cc_IRQ(GPIO12)
I
IRQ for I2Cc, or used as a general-purpose input
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
44
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com