Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 5 Page - Texas Instruments

  TPS25751AS Datasheet HTML 1Page - Texas Instruments TPS25751AS Datasheet HTML 2Page - Texas Instruments TPS25751AS Datasheet HTML 3Page - Texas Instruments TPS25751AS Datasheet HTML 4Page - Texas Instruments TPS25751AS Datasheet HTML 5Page - Texas Instruments TPS25751AS Datasheet HTML 6Page - Texas Instruments TPS25751AS Datasheet HTML 7Page - Texas Instruments TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
Table 5-1. TPS25751AD Pin Functions
PIN
TYPE(1)
RESET
DESCRIPTION
NAME
NO.
ADCIN1
2
I
Hi-Z
Configuration Input. Connect to a resistor divider to LDO_3V3.
ADCIN2
3
I
Hi-Z
Configuration Input. Connect to a resistor divider to LDO_3V3.
CC1
28
I/O
Hi-Z
I/O for USB Type-C. Filter noise with recommended capacitor to GND (CCC).
CC2
29
I/O
Hi-Z
I/O for USB Type-C. Filter noise with recommended capacitor to GND (CCC).
GND
11, 12, 14, 31
—
—
Ground. Connect to ground plane.
GPIO0/LD1
5
GPIO
Hi-Z
General purpose digital I/O. Pin can be connected for liquid detection on the
Type-C connector. Tie to ground when unused.
GPIO1
6
GPIO
Hi-Z
General purpose digital I/O. Tie to ground when unused.
GPIO2/LD2
7
GPIO
Hi-Z
General purpose digital I/O. Pin can be connected for liquid detection on the
Type-C connector. Tie to ground when unused.
GPIO3
19
GPIO
Hi-Z
General purpose digital I/O. Tie to ground when pin is unused.
GPIO5/USB_N
27
I/O
Hi-Z
General purpose digital I/O. Tie to ground when unused. Pin can be
connected to D- for BC1.2 support.
GPIO4/USB_P
26
I/O
Hi-Z
General purpose digital I/O. Tie to ground when unused. Pin can be
connected to D+ for BC1.2 support.
GPIO6
37
GPIO
Hi-Z
General purpose digital I/O. Tie to ground when unused.
GPIO7
36
GPIO
Hi-Z
General purpose digital I/O. Tie to ground when pin is unused.
I2Ct_SCL
9
I
Hi-Z
I2C target serial clock input. Tie to pullup voltage through a resistor. Tie to
ground when pin is unused.
I2Ct_SDA
8
I/O
Hi-Z
I2C target serial data. Open-drain input/output. Tie to pullup voltage through a
resistor. Tie to ground when pin is unused.
I2Ct_IRQ
10
O
Hi-Z
I2C target interrupt. Active low. Connect to external voltage through a pull-up
resistor. Pin can be re-configured to GPIO10. Tie to ground if unused.
I2Cc_SCL
17
O
Hi-Z
I2C controller serial clock. Open-drain output. Tie to pullup voltage through a
resistor. Tie to ground when pin is unused.
GPIO11
13
GPIO
Hi-Z
General purpose digital I/O. Tie to ground when pin is unused.
I2Cc_SDA
16
I/O
Hi-Z
I2C controller serial data. Open-drain input/output. Tie to pullup voltage
through a resistor. Tie to ground when pin is unused.
I2Cc_IRQ
18
I
Hi-Z
I2C controller interrupt. Active low. Connect to external voltage through a
pull-up resistor. Do not tie to GND when unused. Pin can be re-configured to
GPIO12.
LDO_1V5
4
O
—
Output of the CORE LDO. Bypass with capacitance CLDO_1V5 to GND. This
pin cannot source current to external circuits.
LDO_3V3
1
O
—
Output of supply switched from VIN_3V3 or VBUS LDO. Bypass with
capacitance CLDO_3V3 to GND.
DRAIN
15, 30
N/A
—
Connects to drain of internal FET.
PP5V
34, 35
I
—
5V system supply to VBUS, supply for CCy pins as VCONN.
PPHV
20, 21, 22
I/O
High-voltage sinking node in the system.
VBUS_IN
23, 24, 25
I/O
5V to 20V input.
VBUS
32, 33
O
VBUS input to LDO. Bypass with capacitance CVBUS to GND.
VIN_3V3
38
I
—
Supply for core circuitry and I/O. Bypass with capacitance CVIN_3V3 to GND.
Tie to GND if device is VBUS powered only.
(1)
I = input, O = output, I/O = input and output, GPIO = general purpose digital input and output
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com