Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 34 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 30Page - Texas Instruments TPS25751AS Datasheet HTML 31Page - Texas Instruments TPS25751AS Datasheet HTML 32Page - Texas Instruments TPS25751AS Datasheet HTML 33Page - Texas Instruments TPS25751AS Datasheet HTML 34Page - Texas Instruments TPS25751AS Datasheet HTML 35Page - Texas Instruments TPS25751AS Datasheet HTML 36Page - Texas Instruments TPS25751AS Datasheet HTML 37Page - Texas Instruments TPS25751AS Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
8.3.3.1.7 PP_CABLE Local Overtemperature Shut Down (OTSD)
When PP_CABLE clamps the current, the temperature of the switch begins to increase. When the local
temperature sensors of PP_5V or PP_CABLE detect that TJ>TSD_PP5V, the PP_CABLE switch is disabled and
latched off within tPP_CABLE_off. The port then enters the USB Type-C ErrorRecovery state.
8.3.3.1.8 PP_CABLE UVLO
If the PP5V pin voltage falls below the undervoltage lock out threshold (VPP5V_UVLO), then the PP_CABLE switch
is automatically disabled within tPP_CABLE_off.
8.3.3.2 TPS25751AD Internal Powerpath
The TPS25751AD has internal controls for internal FETs (GATE_VSYS and GATE_VBUS as shown in Internal
Powerpath) that require that VBUS_IN be above VVBUS_UVLO before being able to enable the powerpath. Internal
Powerpath shows a diagram of the powerpath. When a powerpath is enabled, the circuitry includes a slew rate
control loop to make sure that external switches do not turn on too quickly (SS). The TPS25751AD senses the
PPHV and VBUS voltages to control the gate voltages to enable or disable the FETs.
The powerpath control includes overvoltage protection (OVP) and reverse current protection (RCP).
PPH
Figure 8-13. Internal Powerpath
8.3.3.2.1 Overvoltage Protection (OVP)
The application firmware enables the OVP and configures the device based on the expected VBUS voltage.
When the VBUS voltage surpasses the overvoltage protection parameters, the external powerpath is disabled.
If the voltage on VBUS surpasses the configured threshold VOVP4VSYS = VOVP4RCP/rOVP, then GATE_VSYS is
automatically disabled within tPPHV_FSD to protect the system. If the voltage on VBUS surpasses the configured
threshold VOVP4RCP, then GATE_VBUS is automatically disabled within tPPHV_OVP. When VVBUS falls below
VOVP4RCP - VOVP4RCPH, GATE_VBUS is automatically re-enabled within tPPHV_ON because the OVP condition has
cleared. This action allows two sinking power paths to be enabled simultaneously and GATE_VBUS disables
when necessary to make sure that VVBUS remains below VOVP4RCP.
While the TPS25751A is in BOOT mode in a dead-battery scenario (that is VIN_3V3 is low), the device handles
an OVP condition slightly differently. As long as the OVP condition is present, GATE_VBUS and GATE_VSYS
are disabled. Once the OVP condition clears, both GATE_VBUS and GATE_VSYS are re-enabled. Because this
mode is a dead-battery condition, the TPS25751A draws approximately IVIN_3V3, ActSnk from VBUS during this
time to help discharge it.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
34
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com