Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 9Page - Texas Instruments TPS25751AS Datasheet HTML 10Page - Texas Instruments TPS25751AS Datasheet HTML 11Page - Texas Instruments TPS25751AS Datasheet HTML 12Page - Texas Instruments TPS25751AS Datasheet HTML 13Page - Texas Instruments TPS25751AS Datasheet HTML 14Page - Texas Instruments TPS25751AS Datasheet HTML 15Page - Texas Instruments TPS25751AS Datasheet HTML 16Page - Texas Instruments TPS25751AS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
6.9 PPHV Power Switch Characteristics - TPS25751AD (continued)
Operating under these conditions unless otherwise noted: 3.0V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SS
Soft start slew rate for GATE_VSYS,
setting 1
4V ≤ VVBUS ≤ 22V,
ILOAD = 100mA, 500pF
< CGATE_VSYS < 16nF,
measure slope from 10% to
90% of final VSYS value
0.67
0.81
0.95
V/ms
SS
Soft start slew rate for GATE_VSYS,
setting 2
4V ≤ VVBUS ≤ 22V,
ILOAD = 100mA, 500pF
< CGATE_VSYS < 16nF,
measure slope from 10% to
90% of final VSYS value
1.33
1.7
2.0
V/ms
SS
Soft start slew rate for GATE_VSYS,
setting 3
4V ≤ VVBUS ≤ 22V,
ILOAD = 100mA, 500pF
< CGATE_VSYS < 16nF,
measure slope from 10% to
90% of final VSYS value
2.8
3.3
3.80
V/ms
tPPHV_OFF
Time allowed to disable the internal
PPHV switch in normal shutdown
mode
VVBUS = 20V, VPPHV = 20V
(initially), CPPHV< 1nF, IPPHV
= 0.1A, switch is off when
VVBUS_IN – VPPHV > 1V
400
1000
µs
tPPHV_OVP
Time allowed to disable the internal
PPHV switch in fast shutdown mode
(VOVP4RCP exceeded), this includes
the response time of the comparator
OVP: VOVP4RCP = setting
57, VVBUS = 20V
initially, then raised to
23V in 50ns, VPPHV =
VVBUS_IN (initially), CPPHV<
1nF, IPPHV = 0.1 A, switch
is off when VVBUS_IN –
VPPHV > 0.1V
2
4
µs
tPPHV_RCP
Time allowed to disable the internal
PPHV switch in fast shutdown mode
(VRCP exceeded), this includes the
response time of the comparator
RCP: VRCP= setting 0,
VVBUS = 5V, VVSYS =
5V initially, then raised
to 6V with dV/dt = 0.1V/
µs, CVBUS=10µF, measure
time from VVSYS > VBUS +
VRCP to the time of peak
voltage on VBUS
1
2
µs
tPPHV_FSD
Time allowed to disable the internal
PPHV switch in fast shutdown mode
(OVP)
VPPHV = 20V (initially),
VVBUS=20V then raised to
23V in 50ns, rOVP = 1,
CPPHV < 1nF, IPPHV = 0.1A,
switch is off when VVBUS_IN
– VPPHV > 0.5V
0.25
20
μs
tPPHV_ON
Time to enable the internal PPHV
switch
VVBUS_IN = 5V, CPPHV =
0, IPPHV = 0, measure
time from register write
to enable PPHV until
VVBUS_IN - VPPHV < 0.1V,
soft start setting 3
1500
1800
2100
μs
6.10 PP_EXT Characteristics - TPS25751AS
Operating under these conditions unless otherwise noted: , 3V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IGATE_ON
Gate driver sourcing current
0V ≤ VGATE_VSYS - VVSYS ≤
6V, VVSYS ≤ 22V, VVBUS >
4V, measure IGATE_VSYS
8.5
11.5
µA
0V ≤ VGATE_VBUS - VVBUS
≤ 6V, 4V ≤ VVBUS ≤ 22V,
measure IGATE_VBUS
8.5
11.5
µA
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com