Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 16Page - Texas Instruments TPS25751AS Datasheet HTML 17Page - Texas Instruments TPS25751AS Datasheet HTML 18Page - Texas Instruments TPS25751AS Datasheet HTML 19Page - Texas Instruments TPS25751AS Datasheet HTML 20Page - Texas Instruments TPS25751AS Datasheet HTML 21Page - Texas Instruments TPS25751AS Datasheet HTML 22Page - Texas Instruments TPS25751AS Datasheet HTML 23Page - Texas Instruments TPS25751AS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
6.18 BC1.2 Characteristics (continued)
Operating under these conditions unless otherwise noted: 3V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RDCP_DAT
Dedicated Charging Port Resistance
0.5V ≤ VUSB_P ≤ 0.7V, 25µA ≤ IUSB_N ≤
175µA
200
Ω
6.19 I2C Requirements and Characteristics
Operating under these conditions unless otherwise noted: 3V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I2Ct_IRQ
OD_VOL_IRQ
Low level output voltage
IOL = 2mA
0.4
V
OD_LKG_IRQ
Leakage Current
Output is Hi-Z, VI2Cx_IRQ = 3.45V
–1
1
µA
I2Cc_IRQ
IRQ_VIH
High-Level input voltage
VLDO_3V3 = 3.3V
1.3
V
IRQ_VIH_THRESH
High-Level input voltage threshold VLDO_3V3 = 3.3V
0.72
1.3
V
IRQ_VIL
low-level input voltage
VLDO_3V3 = 3.3V
0.54
V
IRQ_VIL_THRESH
low-level input voltage threshold
VLDO_3V3 = 3.3V
0.54
1.08
V
IRQ_HYS
input hysteresis voltage
VLDO_3V3 = 3.3V
0.09
V
IRQ_DEG
input deglitch
20
ns
IRQ_ILKG
I2Cc_IRQ leakage current
VI2Cc_IRQ = 3.45V
–1
1
µA
SDA and SCL Common Characteristics (Common Characteristics)
VIL
Input low signal
VLDO_3V3 = 3.3V
0.54
V
VIH
Input high signal
VLDO_3V3 = 3.3V
1.3
V
VHYS
Input hysteresis
VLDO_3V3 = 3.3V
0.165
V
VOL
Output low voltage
IOL = 3mA
0.36
V
ILEAK
Input leakage current
Voltage on pin = VLDO_3V3
–3
3
µA
IOL
Max output low current
VOL = 0.4V
15
mA
IOL
Max output low current
VOL = 0.6V
20
mA
tf
Fall time from 0.7 × VDD to 0.3 ×
VDD
VDD = 1.8V, 10pF ≤ Cb ≤ 400pF
12
80
ns
VDD = 3.3V, 10pF ≤ Cb ≤ 400pF
12
150
ns
tSP
I2C pulse width suppressed
50
ns
CI
Pin capacitance (internal)
10
pF
Cb
Capacitive load for each bus line
(external)
400
pF
SDA and SCL Standard Mode Characteristics (Target)
fSCLS
Clock frequency for target
VDD = 1.8V or 3.3V
100
kHz
tVD;DAT
Valid data time
Transmitting Data, VDD = 1.8V or
3.3V, SCL low to SDA output valid
3.45
µs
tVD;ACK
Valid data time of ACK condition
Transmitting Data, VDD = 1.8V or
3.3V, ACK signal from SCL low to
SDA (out) low
3.45
µs
SDA and SCL Fast Mode Characteristics (Target)
fSCLS
Clock frequency for target
VDD = 1.8V or 3.3V
100
400
kHz
tVD;DAT
Valid data time
Transmitting data, VDD = 1.8V,
SCL
low to SDA output valid
0.9
µs
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com