Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 3Page - Texas Instruments TPS25751AS Datasheet HTML 4Page - Texas Instruments TPS25751AS Datasheet HTML 5Page - Texas Instruments TPS25751AS Datasheet HTML 6Page - Texas Instruments TPS25751AS Datasheet HTML 7Page - Texas Instruments TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments TPS25751AS Datasheet HTML 10Page - Texas Instruments TPS25751AS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
6.1.1 TPS25751AD and TPS25751AS - Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)1
PARAMETER
MIN
MAX
UNIT
Input voltage range 2
VIN_3V3
–0.3
4
V
PP5V
-0.3
6
V
ADCINx
–0.3
4
V
VBUS_IN, VBUS4
–0.3
28
V
CC1, CC2 4
–0.5
26
V
GPIOx
–0.3
6
V
I2Ct_SCL, I2Ct_SDA
–0.3
4
V
Output voltage range 2
LDO_1V53
–0.3
2
V
LDO_3V33
–0.3
4
Source current
Source or Sink current VBUS
internally limited
A
Positive source current for LDO_3V3, LDO_1V5
internally limited
Source current
GPIOx
0.005
A
TJ Operating junction temperature
–40
175
°C
TSTG Storage temperature
–55
150
°C
(1)
Operation outside the Absolute Maximum Rating may cause permanent damage to the device. Absolute Maximum Rating do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to network GND. Connect the GND pin directly to the GND plane of the board.
(3)
Do not apply voltage to these pins.
(4)
A TVS with a break down voltage falling between the Recommended max and the Abs max value is recommended such as TVS2200.
6.1.2 TPS25751AD - Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Input voltage range
1
PPHV
–0.3
28
V
VPPHV_VBUS_IN
Source-to-source voltage
28
V
Sink current
Continuous current to/from
VBUS_IN to PPHV
7
A
Pulsed current to/from
VBUS_IN to PPHV
2
10
TJ_PPHV Operating
junction temperature
PP_HV switch
–40
175
°C
(1)
All voltage values are with respect to network GND. Connect the GND pin directly to the GND plane of the board.
(2)
Pulse duration ≤ 100 µs and duty-cycle ≤ 1%.
6.1.3 TPS25751AS - Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Output voltage range 1
GATE_VBUS,
GATE_VSYS
2
–0.3
40
V
VGS
VGATE_VBUS - VVBUS,
VGATE_SYS - VVSYS
–0.5
12
V
(1)
All voltage values are with respect to network GND. Connect the GND pin directly to the GND plane of the board.
(2)
Do not apply voltage to these pins.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com