Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 57 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 57 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 53Page - Texas Instruments TPS25751AS Datasheet HTML 54Page - Texas Instruments TPS25751AS Datasheet HTML 55Page - Texas Instruments TPS25751AS Datasheet HTML 56Page - Texas Instruments TPS25751AS Datasheet HTML 57Page - Texas Instruments TPS25751AS Datasheet HTML 58Page - Texas Instruments TPS25751AS Datasheet HTML 59Page - Texas Instruments TPS25751AS Datasheet HTML 60Page - Texas Instruments TPS25751AS Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
9.2.2.2 BC1.2 Application
The TPS25751A supports BC1.2 detection and advertisement modes and are configurable through the Web
Tool.
TPS25751A
USB Type-C
Connector
VBUS
GND
CCx/Vconn
DP
DM
GPIO4
GPIO5
SW
SW
DP_V
DM_V
CDP
Detect
USB2.0 MUX
GPIO
USB
Host
Figure 9-6. BC1.2 Application Block Diagram
9.2.2.3 USB Data Support
The TPS25751A supports USB data speed up to USB 3.2Gen 2. When entering USB enumeration, the
TPS25751A controls USB SuperSpeed Mux (TUSB1142) using GPIO controls. The GPIO control is configured
through using the Application Customization Tool, GPIO events are found in the Technical Reference Manual.
9.2.3 Application Curves
9.2.3.1 Liquid Detection Application Curves
The figures below show the liquid detection behavior with corrosion mitigation disabled and enabled. Liquid is
detected on both Liquid Detection Behavior - No Corrosion Mitigation and Liquid Detection Behavior - Corrosion
Mitigation on the SBU2 pin. The number of samples, timing, and hysteresis voltage range of liquid detection is
configurable through the Web Tool.
Figure 9-7. Liquid Detection Behavior - No Corrosion Mitigation
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com