Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 26Page - Texas Instruments TPS25751AS Datasheet HTML 27Page - Texas Instruments TPS25751AS Datasheet HTML 28Page - Texas Instruments TPS25751AS Datasheet HTML 29Page - Texas Instruments TPS25751AS Datasheet HTML 30Page - Texas Instruments TPS25751AS Datasheet HTML 31Page - Texas Instruments TPS25751AS Datasheet HTML 32Page - Texas Instruments TPS25751AS Datasheet HTML 33Page - Texas Instruments TPS25751AS Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 85 page
background image
that has minimal impact on adjacent higher speed lanes. The TX inner mask enforces the maximum limits on the
rise and fall times. Refer to the USB-PD Specifications for more details.
8.3.1.4 USB-PD BMC Transmitter
The TPS25751A transmits and receives USB-PD data over one of the CCy pins for a given CC pin pair (one
pair per USB Type-C port). The CCy pins are also used to determine the cable orientation and maintain the
cable/device attach detection. Thus, a DC bias exists on the CCy pins. The transmitter driver overdrives the CCy
DC bias while transmitting, but returns to a Hi-Z state, allowing the DC voltage to return to the CCy pin when not
transmitting. While either CC1 or CC2 can be used for transmitting and receiving, during a given connection only,
the one that mates with the CC pin of the plug is used, so there is no dynamic switching between CC1 and CC2.
USB-PD BMC TX/RX Block Diagram shows the USB-PD BMC TX and RX driver block diagram.
Digitally
Adjustable
VREF (VRXHI, VRXLO)
Level Shifter
Level Shifter
Driver
PD_TX
PD_RX
LDO_3V3
CC2
CC1
USB-PD Modem
Figure 8-7. USB-PD BMC TX/RX Block Diagram
Figure 8-8 shows the transmission of the BMC data on top of the DC bias. Note that the DC bias can be
anywhere between the minimum and maximum threshold for detecting a Sink attach. This note means that the
DC bias can be above or below the VOH of the transmitter driver.
DC Bias
DC Bias
VOH
VOL
DC Bias
DC Bias
VOH
VOL
Figure 8-8. TX Driver Transmission with DC Bias
The transmitter drives a digital signal onto the CCy lines. The signal peak, VTXHI, is set to meet the TX masks
defined in the USB-PD Specifications. Note that the TX mask is measured at the far-end of the cable.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
30
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com