Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 76 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 76 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 72Page - Texas Instruments TPS25751AS Datasheet HTML 73Page - Texas Instruments TPS25751AS Datasheet HTML 74Page - Texas Instruments TPS25751AS Datasheet HTML 75Page - Texas Instruments TPS25751AS Datasheet HTML 76Page - Texas Instruments TPS25751AS Datasheet HTML 77Page - Texas Instruments TPS25751AS Datasheet HTML 78Page - Texas Instruments TPS25751AS Datasheet HTML 79Page - Texas Instruments TPS25751AS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 85 page
background image
When routing the VBUS power plane from the Type-C connector to the TPS25751AS VBUS pins, minimize
bottle necks caused by other vias and traces to improve current flow. The example layout shown in Figure 9-28to
route the VBUS plane from the connector to TPS25751AS.
9.4.2.2.2.5 TPS25751AS I/O
I2C, ADCIN1/2, and GPIO pins
Fan these traces out from the TPS25751AS, use vias to connect the net to a routing layer if needed. For these
nets, use 4mil to 10mil trace width.
I2Cc_SDA/SCL/IRQ (pins 8, 9, and 10) and I2Ct_SCL/SDA/IRQ (pins 15, 16, and 17)
Minimize trace width changes to avoid I2C communication issues.
ADCIN1 and ADCIN2 (pins 2 and 3)
Keep the ADCINx traces away from switching elements. If a resistor divider is used, place the divider close to
LDO_3V3 or LDO_1V5.
GPIO (pins 5, 6, 7, 13, 18, 22, 23, 30, and 31)
Separate GPIO traces running in parallel by a trace width. Keep the GPIOx traces away from switching
elements.
9.4.2.2.2.6 TPS25751AS PPEXT Gate Driver
GATE_VSYS (pin 20)
The GATE_VSYS pin (pin 20) can be connected with a trace (recommended 6mil trace width) to the gate pins of
the N-ch MOSFET with source tied to PPHV. It is recommended to NOT via directly to the gate pin of the N-ch
MOSFET, instead use via(s) to connect the GATE_VSYS pin from the TPS25751AS to the gate pin of the N-ch
MOSFET. Refer to Figure 9-25 and Figure 9-26 for examples on how to connect the traces.
GATE_VBUS (pin 21)
The GATE_VBUS pin (pin 21) can be connected with a trace (recommended 6mil trace width) to the gate pins of
the N-ch MOSFET with source tied to VBUS. It is recommended to NOT via directly to the gate pin of the N-ch
MOSFET, instead use via(s) to connect the GATE_VBUS pin from the TPS25751AS to the gate pin of the N-ch
MOSFET. Refer to Figure 9-25 and Figure 9-26 for examples on how to connect the traces.
9.4.2.2.2.7 TPS25751AS GND
The GND pad is used to dissipate heat for the TPS25751AS device. Connect the GND pins (11, 12, and 14) to
the Ground pad underneath the TPS25751AS device. Connect the through hole vias from the ground pad on the
top layer to a copper pour on the bottom layer to help dissipate heat. Additional vias can be added to improve
thermal dissipation.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
76
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com