Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 4 Page - Texas Instruments

  TPS25751AS Datasheet HTML 1Page - Texas Instruments TPS25751AS Datasheet HTML 2Page - Texas Instruments TPS25751AS Datasheet HTML 3Page - Texas Instruments TPS25751AS Datasheet HTML 4Page - Texas Instruments TPS25751AS Datasheet HTML 5Page - Texas Instruments TPS25751AS Datasheet HTML 6Page - Texas Instruments TPS25751AS Datasheet HTML 7Page - Texas Instruments TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
5 Pin Configuration and Functions
8
9
10
11
12
14
16
15
13
17
18
27
29
28
30
31
32
35
34
33
36
37
ADCIN1
PPHV
Thermal Pad
(GND)
Thermal Pad
(DRAIN)
1
2
3
4
5
6
7
19
20
21
22
23
24
25
26
38
LDO_3V3
ADCIN2
LDO_1V5
GPIO0/LD1
GPIO1
PPHV
PPHV
VBUS_IN
VBUS_IN
VBUS_IN
Not to Scale
Figure 5-1. TPS25751AD QFN Package, 38-Pin (Top View)
LDO_3V3
ADCIN1
ADCIN2
LDO_1V5
GPIO0/LD1
GPIO1
GPIO2/LD2
I2Ct_SDA
CC1
GPIO5/USB_N
GPIO4/USB_P
GATE_VBUS
GATE_VSYS
VSYS
GPIO3
I2Cc_IRQ
Thermal
Pad
(GND)
1
2
3
4
5
6
7
8
Not to Scale
24
23
22
21
20
19
18
17
Figure 5-2. TPS25751AS QFN Package, 32-Pin (Top View)
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com