Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 4Page - Texas Instruments TPS25751AS Datasheet HTML 5Page - Texas Instruments TPS25751AS Datasheet HTML 6Page - Texas Instruments TPS25751AS Datasheet HTML 7Page - Texas Instruments TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments TPS25751AS Datasheet HTML 10Page - Texas Instruments TPS25751AS Datasheet HTML 11Page - Texas Instruments TPS25751AS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
6.2 ESD Ratings
PARAMETER
TEST CONDITIONS
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/
ESDA/JEDEC JS-001, all pins(1)
±1000
V
Charged-device model (CDM), per ANSI/
ESDA/JEDEC JS-002, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.3.1 TPS25751AD - Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
MIN
MAX
UNIT
VI
Input voltage range(1)
VIN_3V3
3.0
3.6
V
PP5V
4.9
5.5
V
ADCIN1, ADCIN2, VBUS_IN,
VBUS
4
22
V
PPHV
0
22
V
VIO
I/O voltage range(1)
I2Cx_SDA, I2Cx_SCL, I2Cx_IRQ ,
ADCIN1, ADCIN2
0
3.6
V
GPIOx
0
5.5
CC1, CC2
0
5.5
IPP_HV
Current from VBUS_IN to PPHV
7
A
IO
Output current (from LDO_3V3)
GPIOx
1
mA
IO
Output current (from VBUS LDO)
Sum of current from LDO_3V3 and
GPIOx
5
mA
TA
Ambient operating temperature
IPP_5V = 0, IPP_HV ≤ 7A, IPP_CABLE =
0
–40
45
°C
IPP_5V = 0,IPP_HV ≤ 6A, IPP_CABLE =
0
–40
65
TJ_PPHV
Operating junction temperature
PP_HV switch
–40
150
°C
TJ
Operating junction temperature
–40
125
°C
(1)
All voltage values are with respect to network GND. All GND pins must be connected directly to the GND plane of the board.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com