Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 33 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 29Page - Texas Instruments TPS25751AS Datasheet HTML 30Page - Texas Instruments TPS25751AS Datasheet HTML 31Page - Texas Instruments TPS25751AS Datasheet HTML 32Page - Texas Instruments TPS25751AS Datasheet HTML 33Page - Texas Instruments TPS25751AS Datasheet HTML 34Page - Texas Instruments TPS25751AS Datasheet HTML 35Page - Texas Instruments TPS25751AS Datasheet HTML 36Page - Texas Instruments TPS25751AS Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
PP5V
CC1
Fast current limit, IVCON
CC2
3A
CC2 Gate Control
VBUS
PP_5V Gate Control and Sense
PP_5V
Fast current clamp, ILIM5V
PP_CABLE
TSD_PP5V
Temp
Sensor
Temp
Sensor
CC1 Gate Control
Figure 8-12. Port Power Switches
8.3.3.1.1 PP_5V Current Clamping
The current through the internal PP_5V path are current limited to ILIM5V. The ILIM5V value is configured by
application firmware. When the current through the switch exceeds ILIM5V, the current limiting circuit activates
within tiOS_PP_5V and the path behaves as a constant current source. If the duration of the overcurrent event
exceeds tILIM, the PP_5V switch is disabled.
8.3.3.1.2 PP_5V Local Overtemperature Shut Down (OTSD)
When PP_5V clamps the current, the temperature of the switch begin to increase. When the local temperature
sensors of PP_5V or PP_CABLE detect that TJ > TSD_PP5V, the PP_5V switch is disabled and the affected port
enters the USB Type-C ErrorRecovery state.
8.3.3.1.3 PP_5V OVP
The overvoltage protection level is automatically configured based on the expected maximum VBUS voltage,
which depends upon the USB PD contract. When the voltage on the VBUS pin of a port exceeds the configured
value (VOVP4RCP) while PP_5V is enabled, then PP_5V is disabled within tPP_5V_ovp and the port enters into the
Type-C ErrorRecovery state.
8.3.3.1.4 PP_5V UVLO
If the PP5V pin voltage falls below its undervoltage lock out threshold (VPP5V_UVLO) while PP_5V is enabled, then
PP_5V is disabled within tPP_5V_uvlo and the port that had PP_5V enabled enters into the Type-C ErrorRecovery
state.
8.3.3.1.5 PP_5V Reverse Current Protection
If VVBUS - VPP5V > VPP_5V_RCP, then the PP_5V path is automatically disabled within tPP_5V_rcp. If the RCP
condition clears, then the PP_5V path is automatically enabled within tON.
8.3.3.1.6 PP_CABLE Current Clamp
When enabled and providing VCONN power, the TPS25751A PP_CABLE power switch clamps the current to
IVCON. When the current through the PP_CABLE switch exceeds IVCON, the current clamping circuit activates
within tiOS_PP_CABLE and the switch behaves as a constant current source.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com