Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 21Page - Texas Instruments TPS25751AS Datasheet HTML 22Page - Texas Instruments TPS25751AS Datasheet HTML 23Page - Texas Instruments TPS25751AS Datasheet HTML 24Page - Texas Instruments TPS25751AS Datasheet HTML 25Page - Texas Instruments TPS25751AS Datasheet HTML 26Page - Texas Instruments TPS25751AS Datasheet HTML 27Page - Texas Instruments TPS25751AS Datasheet HTML 28Page - Texas Instruments TPS25751AS Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
8 Detailed Description
8.1 Overview
The TPS25751A is a fully-integrated USB Power Delivery (USB-PD) management device providing cable plug
and orientation detection for USB Type-C and PD receptacles. The TPS25751A communicates with the other
USB Type-C and PD port partner at the opposite end of the cable. The TPS25751AS also enables a high voltage
port power switch for sourcing and sinking. The TPS25751AD also enables an integrated port power switch for
sourcing and sinking.
The TPS25751A is divided into several main sections:
• USB-PD controller
• Cable plug and orientation detection circuitry
• Port power switches
• Power management circuitry
• Digital core
The USB-PD controller provides the physical layer (PHY) functionality of the USB-PD protocol. The USB-PD
data is output through either the CC1 pin or the CC2 pin, depending on the orientation of the reversible USB
Type-C cable. For a high-level block diagram of the USB-PD physical layer, a description of features, and more
detailed circuitry, see USB-PD Physical Layer.
The cable plug and orientation detection analog circuitry automatically detects a USB Type-C cable plug
insertion and the cable orientation. For a high-level block diagram of cable plug and orientation detection, a
description of features, and more detailed circuitry, see Cable Plug and Orientation Detection.
The port power switches provide power to the VBUS pin and CC1 or CC2 pins based on the detected plug
orientation. For a high-level block diagram of the port power switches, a description of features, and more
detailed circuitry, see Power Paths.
The power management circuitry receives and provides power to the TPS25751A internal circuitry and
LDO_3V3 output. See Power Management for more information.
The digital core provides the engine for receiving, processing, and sending all USB-PD packets as well as
handling control of all other TPS25751A functionality. A portion of the digital core contains ROM memory, which
contains all the necessary firmware required to execute Type-C and PD applications. In addition, a section of the
ROM, called boot code, is capable of initializing the TPS25751A, loading of the device configuration information,
and loading any code patches into volatile memory in the digital core. For a high-level block diagram of the
digital core, a description of features, and more detailed circuitry, see Digital Core.
The TPS25751A has one I2C controller to write to and read from external target devices such as a battery
charger or an optional external EEPROM memory (see I2C Interface).
The TPS25751A also integrates a thermal shutdown mechanism and runs off of accurate clocks provided by the
integrated oscillator.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com