Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 48 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 48 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 44Page - Texas Instruments TPS25751AS Datasheet HTML 45Page - Texas Instruments TPS25751AS Datasheet HTML 46Page - Texas Instruments TPS25751AS Datasheet HTML 47Page - Texas Instruments TPS25751AS Datasheet HTML 48Page - Texas Instruments TPS25751AS Datasheet HTML 49Page - Texas Instruments TPS25751AS Datasheet HTML 50Page - Texas Instruments TPS25751AS Datasheet HTML 51Page - Texas Instruments TPS25751AS Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
x
S
1
Wr
1
A
1
Target Address
7
Data Byte
8
x
A
1
P
1
S
SR
Rd
Wr
X
A
P
Start condition
Repeated start condition
Read (bit value of 1)
Write (bit value of 0
Field is required to have the value x
Acknowledge (this bit position is either 0 for an ACK or 1 for a NACK)
Stop condition
Controller-to-target
Target-to-controller
Continuation of protocol
Figure 8-31. I2C Read/Write Protocol Key
8.3.10.2.1.4 Pin Strapping to Configure Default Behavior
During the boot procedure, the device reads the ADCINx pins and set the configurations based on the table
below. The device then attempts to load a configuration from an external EEPROM on the I2Cc bus. If no
EEPROM is detected, then the device waits for an external host to load a configuration.
When an external EEPROM is used, each device is connected to a unique EEPROM, and cannot be shared for
multiple devices. The external EEPROM is set at 7-bit target address 0x50.
Table 8-6. Device Configuration using ADCIN1 and ADCIN2
ADCIN1 DECODED
VALUE(2)
ADCIN2 DECODED
VALUE(2)
I2C ADDRESS
INDEX(1)
DEAD BATTERY BOOT CONFIGURATION
7
5
#1
AlwaysEnableSink: The device always enables the sink path
regardless of the amount of current the attached source is
offering. USB PD is disabled until configuration is loaded. This
configuration is used with an external embedded controller. The
embedded controller manages the battery charger in the system
when present.
5
5
#2
2
0
#3
1
7
#4
7
0
#1
SafeMode: The device does not enable the sink path. USB
PD is disabled until configuration is loaded. Note that the
configuration can put the device into a source-only mode. This
is recommended when the application loads the patch from
EEPROM. SafeMode is recommended when the PD controller
manages the battery charger when present.
0
0
#2
6
0
#3
5
7
#4
(1)
See Table 8-5 to see the exact meaning of I2C Address Index.
(2)
See Decoding of ADCIN1 and ADCIN2 for how to configure a given ADCINx decoded value.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
48
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com