Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 62 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 62 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 58Page - Texas Instruments TPS25751AS Datasheet HTML 59Page - Texas Instruments TPS25751AS Datasheet HTML 60Page - Texas Instruments TPS25751AS Datasheet HTML 61Page - Texas Instruments TPS25751AS Datasheet HTML 62Page - Texas Instruments TPS25751AS Datasheet HTML 63Page - Texas Instruments TPS25751AS Datasheet HTML 64Page - Texas Instruments TPS25751AS Datasheet HTML 65Page - Texas Instruments TPS25751AS Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 85 page
background image
9.3 Power Supply Recommendations
9.3.1 3.3V Power
9.3.1.1 VIN_3V3 Input Switch
The VIN_3V3 input is the main supply of the TPS25751A device. The VIN_3V3 switch (see Section 8.3.2)
is a uni-directional switch from VIN_3V3 to LDO_3V3, not allowing current to flow backwards from LDO_3V3
to VIN_3V3. This switch is on when the 3.3V supply is available and the dead battery flag is cleared. The
recommended capacitance CVIN_3V3 (see Section 6.4) must be connected from the VIN_3V3 pin to the GND pin.
Do not power VIN_3V3 from VBUS.
9.3.2 1.5V Power
The internal circuitry is powered from 1.5V. The 1.5V LDO steps the voltage down from LDO_3V3 to 1.5V. The
1.5V LDO provides power to all internal low-voltage digital circuits which includes the digital core and memory.
The 1.5V LDO also provides power to all internal low-voltage analog circuits. Connect the recommended
capacitance CLDO_1V5 (see Section 6.4) from the LDO_1V5 pin to the GND pin.
9.3.3 Recommended Supply Load Capacitance
Section 6.4 lists the recommended board capacitances for the various supplies. The typical capacitance is the
nominally rated capacitance that must be placed on the board as close to the pin as possible. The maximum
capacitance must not be exceeded on pins for which it is specified. The minimum capacitance is minimum
capacitance allowed for tolerances and voltage derating ensuring proper operation.
9.4 Layout
9.4.1 TPS25751AD - Layout
9.4.1.1 Layout Guidelines
Proper routing and placement maintain signal integrity for high speed signals and improve the heat dissipation
from the power paths. The combination of power and high speed data signals are easily routed if the following
guidelines are followed. Best practice is to consult with board manufacturing to verify manufacturing capabilities.
9.4.1.1.1 Recommended Via Size
Proper via stitching is recommended to carrying current for the VBUS power paths and grounding. The
recommended minimum via size is shown below, but larger vias are an option for low density PCB designs.
A single via is capable of carrying 1A, verify the tolerance with the board manufacturing. Vias are recommended
to be tented when located close to the PD controller.
16mil
8mil
Figure 9-15. Recommend Minimum Via Size
9.4.1.1.2 Minimum Trace Widths
Below are the minimum trace widths for analog and digital pins. The trace width limitations are also defined by
the board manufacturing process used. Consult with manufacturing for determining the minimum trace widths
and tolerance.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
62
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com