Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 29 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 25Page - Texas Instruments TPS25751AS Datasheet HTML 26Page - Texas Instruments TPS25751AS Datasheet HTML 27Page - Texas Instruments TPS25751AS Datasheet HTML 28Page - Texas Instruments TPS25751AS Datasheet HTML 29Page - Texas Instruments TPS25751AS Datasheet HTML 30Page - Texas Instruments TPS25751AS Datasheet HTML 31Page - Texas Instruments TPS25751AS Datasheet HTML 32Page - Texas Instruments TPS25751AS Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
USB-PD messages are transmitted in a USB Type-C system using a BMC signaling. The BMC signal is output
on the same pin (CC1 or CC2) that is DC biased due to the Rp (or Rd) cable attach mechanism.
8.3.1.1 USB-PD Encoding and Signaling
Figure 8-4 illustrates the high-level block diagram of the baseband USB-PD transmitter. Figure 8-5 illustrates the
high-level block diagram of the baseband USB-PD receiver.
4b5b
Encoder
BMC
Encoder
CRC
Data
to PD_TX
Figure 8-4. USB-PD Baseband Transmitter Block Diagram
BMC
Decoder
SOP
Detect
4b5b
Decoder
CRC
from PD_RX
Data
Figure 8-5. USB-PD Baseband Receiver Block Diagram
8.3.1.2 USB-PD Bi-Phase Marked Coding
The USB-PD physical layer implemented in the TPS25751A is compliant to the USB-PD Specifications. The
encoding scheme used for the baseband PD signal is a version of Manchester coding called Biphase Mark
Coding (BMC). In this code, there is a transition at the start of every bit time and there is a second transition in
the middle of the bit cell when a 1 is transmitted. This coding scheme is nearly DC balanced with limited disparity
(limited to 1/2 bit over an arbitrary packet, so a very low DC level). Biphase Mark Coding Example illustrates
Biphase Mark Coding.
0
1
0
1
0
1
0
0
0
0
1
1
0
0
0
1
1
Data in
BMC
1
Figure 8-6. Biphase Mark Coding Example
The USB PD baseband signal is driven onto the CC1 or CC2 pin with a tri-state driver. The tri-state driver is slew
rate to limit coupling to D+/D– and to other signal lines in the Type-C fully featured cables. When sending the
USB-PD preamble, the transmitter starts by transmitting a low level. The receiver at the other end tolerates the
loss of the first edge. The transmitter terminates the final bit by an edge to make sure the receiver clocks the
final bit of EOP.
8.3.1.3 USB-PD Transmit (TX) and Receive (Rx) Masks
The USB-PD driver meets the defined USB-PD BMC TX masks. Because a BMC coded “1” contains a signal
edge at the beginning and middle of the UI, and the BMC coded “0” contains only an edge at the beginning, the
masks are different for each. The USB-PD receiver meets the defined USB-PD BMC Rx masks. The boundaries
of the Rx outer mask are specified to accommodate a change in signal amplitude due to the ground offset
through the cable. The Rx masks are therefore larger than the boundaries of the TX outer mask. Similarly, the
boundaries of the Rx inner mask are smaller than the boundaries of the TX inner mask. Triangular time masks
are superimposed on the TX outer masks and defined at the signal transitions to require a minimum edge rate
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com