Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 69 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 69 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 65Page - Texas Instruments TPS25751AS Datasheet HTML 66Page - Texas Instruments TPS25751AS Datasheet HTML 67Page - Texas Instruments TPS25751AS Datasheet HTML 68Page - Texas Instruments TPS25751AS Datasheet HTML 69Page - Texas Instruments TPS25751AS Datasheet HTML 70Page - Texas Instruments TPS25751AS Datasheet HTML 71Page - Texas Instruments TPS25751AS Datasheet HTML 72Page - Texas Instruments TPS25751AS Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
Fan these traces out from the TPS25751AD, use vias to connect the net to a routing layer if needed. For these
nets, use 4mil to 10mil trace width.
I2Cc_SDA/SCL/IRQ (pins 8, 9, and 10) and I2Ct_SCL/SDA/IRQ (pins 16, 17, and 18)
Minimize trace width changes to avoid I2C communication issues.
ADCIN1 and ADCIN2 (pins 2 and 3)
Keep the ADCINx traces away from switching elements. If a resistor divider is used, place the divider close to
LDO_3V3 or LDO_1V5.
GPIO (pins 5, 6, 7, 19, 26, 27, 37, 36, and 13)
Separate GPIO traces running in parallel by a trace width. Keep the GPIOx traces away from switching
elements.
9.4.1.2.2.6 TPS25751AD DRAIN
The DRAIN pad is used to dissipate heat for the internal high voltage power path (PPHV). Connect the Drain
pins (pins 15 and 30) to the Drain pad underneath the TPS25751AD device. Connect the through hole vias from
the drain pad on the top layer to a copper pour on the bottom layer to help dissipate heat. Additional vias can be
added to improve thermal dissipation.
9.4.1.2.2.7 TPS25751AD GND
The GND pad is used to dissipate heat for the TPS25751AD device. Connect the GND pins (pins 11, 12, 14 and
31) to the Ground pad underneath the TPS25751AD device. Connect the through hole vias from the ground pad
on the top layer to a copper pour on the bottom layer to help dissipate heat. Additional vias can be added to
improve thermal dissipation.
9.4.2 TPS25751AS - Layout
9.4.2.1 Layout Guidelines
Proper routing and placement maintain signal integrity for high speed signals and improve the heat dissipation
from the power paths. The combination of power and high speed data signals are easily routed if the following
guidelines are followed. Best practice is to consult with board manufacturing to verify manufacturing capabilities.
9.4.2.1.1 Recommended Via Size
Proper via stitching is recommended to carrying current for the VBUS power paths and grounding. The
recommended minimum via size is shown below, but larger vias are an option for low density PCB designs.
A single via is capable of carrying 1A, verify the tolerance with the board manufacturing. Vias are recommended
to be tented when located close to the PD controller.
16mil
8mil
Figure 9-23. Recommend Minimum Via Size
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com