Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 12Page - Texas Instruments TPS25751AS Datasheet HTML 13Page - Texas Instruments TPS25751AS Datasheet HTML 14Page - Texas Instruments TPS25751AS Datasheet HTML 15Page - Texas Instruments TPS25751AS Datasheet HTML 16Page - Texas Instruments TPS25751AS Datasheet HTML 17Page - Texas Instruments TPS25751AS Datasheet HTML 18Page - Texas Instruments TPS25751AS Datasheet HTML 19Page - Texas Instruments TPS25751AS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
6.12 CC Cable Detection Parameters (continued)
Operating under these conditions unless otherwise noted: 3V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IRev
Unattached reverse current on
CCy
VCCy = 5.5V, VCCx = 0V,
VLDO_3V3_UVLO < VLDO_3V3 < 3.6V,
VPP5V = 3.8V, measure current into
CCy
10
µA
VCCy = 5.5V, VCCx = 0V,
VLDO_3V3_UVLO < VLDO_3V3 < 3.6V,
VPP5V = 0V, TJ ≤ 85°C, measure
current into CCy
10
IRpDef
Current source - USB Default
0 < VCCy < 1V, measure ICCy
64
80
96
µA
IRp1.5
Current source - 1.5A
4.75V < VPP5V < 5.5V, 0V < VCCy <
1.5V, measure ICCy
166
180
194
µA
IRp3.0
Current source - 3.0A
4.75V < VPP5V < 5.5V, 0 < VCCy <
2.45V, measure ICCy
304
330
356
µA
Type-C Sink (Rd pulldown)
VSNK1
Open/Default detection threshold
when Rd applied to CCy
rising
0.2
0.24
V
Open/Default detection threshold
when Rd applied to CCy
falling
0.16
0.20
V
Hysteresis
0.04
V
VSNK2
Default/1.5A detection threshold
falling
0.62
0.68
V
Default/1.5A detection threshold
rising
0.63
0.66
0.69
V
Hysteresis
0.01
V
VSNK3
1.5A/3.0A detection threshold
when Rd applied to CCy
falling
1.17
1.25
V
1.5A/3.0A detection threshold
when Rd applied to CCy
rising
1.22
1.3
V
Hysteresis
0.05
V
RSNK
Rd pulldown resistance
0.25V ≤ VCCy ≤ 2.1V, measure
resistance on CCy, after trimming
using trim_cd_rd, VLDO_3V3_UVLO <
VLDO_3V3 < 3.6V,
4.6
5.6
kΩ
RVCONN_DIS
VCONN discharge resistance
0V ≤ VCCy ≤ 5.5V, measure
resistance on CCy, after trimming
using trim_cd_rd
4.0
6.12
kΩ
VCLAMP
Dead battery Rd clamp
VVIN_3V3 = 0V, 64µA < ICCy < 96µA
0.25
1.32
V
VVIN_3V3 = 0V, 166µA < ICCy <
194µA
0.65
1.32
VVIN_3V3 = 0V, 304µA < ICCy <
356µA
1.20
2.18
ROpen
Resistance from CCy to GND
when configured as open
VVBUS = 0V, VVIN_3V3 = 3.3V, VCCy
= 5V, measure resistance on CCy
500
kΩ
VVBUS = 5V, VVIN_3V3 = 0V, VCCy =
5V, measure resistance on CCy
500
kΩ
Common Comparator
tCC
deglitch time for comparators on
Px_CCy
3.2
ms
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com