Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 47 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 43Page - Texas Instruments TPS25751AS Datasheet HTML 44Page - Texas Instruments TPS25751AS Datasheet HTML 45Page - Texas Instruments TPS25751AS Datasheet HTML 46Page - Texas Instruments TPS25751AS Datasheet HTML 47Page - Texas Instruments TPS25751AS Datasheet HTML 48Page - Texas Instruments TPS25751AS Datasheet HTML 49Page - Texas Instruments TPS25751AS Datasheet HTML 50Page - Texas Instruments TPS25751AS Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
The controller must wait until the clock line transitions high plus an additional minimum time (4μs for standard
100kbps I2C) before pulling the clock low again.
Any clock pulse can be stretched and typically the clock pulse before or after the acknowledgment bit is
stretched.
8.3.10.2.1.2 I2C Address Setting
The I2C controller must only use I2Ct_SCL/SDA for loading a patch bundle.
Once the boot process is complete, the port has a unique target address on the I2Ct_SCL/SDA bus as selected
by the ADCINx pins.
Table 8-5. I2C Default Target Address for I2Ct_SCL/SDA.
I2C ADDRESS INDEX
(DECODED FROM ADCIN1
AND ADCIN2)(1)
TARGET ADDRESS
AVAILABLE
DURING BOOT
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
#1
0
1
0
0
0
0
0
R/W
Yes
#2
0
1
0
0
0
0
1
R/W
Yes
#3
0
1
0
0
0
1
0
R/W
Yes
#4
0
1
0
0
0
1
1
R/W
Yes
(1)
See Pin Strapping to Configure Default Behavior details about ADCIN1 and ADCIN2 decoding.
8.3.10.2.1.3 Unique Address Interface
The Unique Address Interface allows for complex interaction between an I2C controller and a single TPS25751A.
The I2C target sub-address is used to receive or respond to Host Interface protocol commands. Figure 8-29 and
Figure 8-30 show the write and read protocol for the I2C target interface, and a key is included in Figure 8-31
to explain the terminology used. The key to the protocol diagrams is in the SMBus Specification and is repeated
here in part.
P
S
Unique Address
Wr
Register Number
Byte Count = N
Data Byte 1
A
A
A
A
1
7
1
8
8
8
1
1
1
1
Data Byte 2
A
8
1
Data Byte N
A
8
1
Figure 8-29. I2C Unique Address Write Register Protocol
A
Sr
Unique Address
Rd
Byte Count = N
A
1
7
1
8
1
1
S
Unique Address
Wr
1
7
1
1
1
A
P
1
A
Data Byte N
8
1
A
Data Byte 1
8
1
A
Data Byte 2
8
Register Number
8
1
A
Figure 8-30. I2C Unique Address Read Register Protocol
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com