Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 14Page - Texas Instruments TPS25751AS Datasheet HTML 15Page - Texas Instruments TPS25751AS Datasheet HTML 16Page - Texas Instruments TPS25751AS Datasheet HTML 17Page - Texas Instruments TPS25751AS Datasheet HTML 18Page - Texas Instruments TPS25751AS Datasheet HTML 19Page - Texas Instruments TPS25751AS Datasheet HTML 20Page - Texas Instruments TPS25751AS Datasheet HTML 21Page - Texas Instruments TPS25751AS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
6.14 CC PHY Parameters (continued)
Operating under these conditions unless otherwise noted: and ( 3V ≤ VVIN_3V3 ≤ 3.6V or VVBUS ≥ 3.9V )
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CCC
Receiver capacitance on CCy
1
Capacitance looking into the CC
pin when in receiver mode
120
pF
VRX_SNK_R
Rising threshold on CCy for
receiver comparator
Sink mode (rising)
499
525
551
mV
VRX_SRC_R
Rising threshold on CCy for
receiver comparator
Source mode (rising)
784
825
866
mV
VRX_SNK_F
Falling threshold on CCy for
receiver comparator
Sink mode (falling)
230
250
270
mV
VRX_SRC_F
Falling threshold on CCy for
receiver comparator
Source mode (falling)
523
550
578
mV
(1)
CCC includes only the internal capacitance on a CCy pin when the pin is configured to be receiving BMC data. External capacitance
is needed to meet the required minimum capacitance per the USB-PD Specifications (cReceiver). Therefore, TI recommends
adding CCCy externally.
6.15 Thermal Shutdown Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TSD_MAIN
Temperature shutdown threshold
Temperature rising
145
160
175
°C
Hysteresis
15
°C
TSD_PP5V
Temperature controlled shutdown
threshold. The power paths for
each port sourcing from PP5V
and PP_CABLE power paths have
local sensors that disables them
when the temperature is exceeded
Temperature rising
135
150
165
°C
Hysteresis
10
°C
6.16 ADC Characteristics
Operating under these conditions unless otherwise noted: 3V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LSB
Least significant bit
3.6V max scaling, voltage
divider of 3
14
mV
25.2V max scaling, voltage
divider of 21
98
mV
4.07A max scaling
16.5
mA
GAIN_ERR
Gain error
0.05V ≤ VADCINx ≤ 3.6V, VADCINx
≤ VLDO_3V3
–2.7
2.7
%
0.05V ≤ VGPIOx ≤ 3.6V, VGPIOx
≤ VLDO_3V3
2.7V ≤ VLDO_3V3 ≤ 3.6V
–2.4
2.4
0.6V ≤ VVBUS ≤ 22V
–2.1
2.1
1A ≤ IVBUS ≤ 3A
–2.1
2.1
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com