Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 7Page - Texas Instruments TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments TPS25751AS Datasheet HTML 10Page - Texas Instruments TPS25751AS Datasheet HTML 11Page - Texas Instruments TPS25751AS Datasheet HTML 12Page - Texas Instruments TPS25751AS Datasheet HTML 13Page - Texas Instruments TPS25751AS Datasheet HTML 14Page - Texas Instruments TPS25751AS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
6.6 Power Supply Characteristics (continued)
Operating under these conditions unless otherwise noted: 3.0V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VVIN3V3_UVLO
Voltage required on VIN_3V3 for
power on
rising, VVBUS = 0
2.56
2.66
2.76
V
falling, VVBUS = 0
2.44
2.54
2.64
hysteresis
0.12
LDO_3V3, LDO_1V5
VLDO_3V3
Voltage on LDO_3V3
VVIN_3V3 = 0V, 10µA ≤ ILOAD ≤
18mA, VVBUS ≥ 3.9V
3.0
3.4
3.6
V
RLDO_3V3
Rdson of VIN_3V3 to LDO_3V3
ILDO_3V3 = 50mA
1.4
Ω
VLDO_1V5
Voltage on LDO_1V5
up to maximum internal loading
condition
1.49
1.5
1.65
V
6.7 Power Consumption
Operating under these conditions unless otherwise noted: 3V ≤ VLDO_3V3 ≤ 3.6V, no GPIO loading
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IVIN_3V3,ActSrc
Current into VIN_3V3
Active Source mode: VVBUS = 5V, VVIN_3V3 = 3.3V
3
mA
IVIN_3V3,ActSnk
Current into VIN_3V3
Active PPHV mode: 22V ≥ VVBUS ≥ 4V, VVIN_3V3 = 3.3V
3
6
mA
IVIN_3V3,IdlSrc
Current into VIN_3V3
Idle Source mode: VVBUS = 5V, VVIN_3V3 = 3.3V
1.0
mA
IVIN_3V3,IdlSnk
Current into VIN_3V3
Idle PPHV mode: 22V ≥ VVBUS ≥ 4V, VVIN_3V3 = 3.3V
1.0
mA
IPP5V,Sleep
Current into PP5V
Sleep mode: VPA_VBUS = 0V, VVIN_3V3 = 3.3V
2
µA
IVIN_3V3,Sleep
Current into VIN_3V3
Sleep DRP mode: VVBUS = 0V, VVIN_3V3 = 3.3V
56
µA
6.8 PP_5V Power Switch Characteristics
Operating under these conditions unless otherwise noted: 3.0V ≤ VLDO_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPP_5V
Resistance from PP5V to VBUS
ILOAD = 3A, TJ = 25°C
36
38
mΩ
RPP_5V
Resistance from PP5V to VBUS
ILOAD = 3 A,TJ = 125°C
36
53
mΩ
IPP5V_REV
VBUS to PP5V leakage current
VPP5V = 0V, VVBUS = 5.5V,
PP_5V disabled, TJ ≤ 85°C,
measure IPP5V
5
µA
IPP5V_FWD
PP5V to VBUS leakage current
VPP5V = 5.5V, VVBUS = 0V,
PP_5V disabled, TJ ≤ 85°C,
measure IVBUS
15
µA
ILIM5V
Current limit setting
Configure to setting 0
1.15
1.36
A
ILIM5V
Current limit setting
Configure to setting 1
1.61
1.90
A
ILIM5V
Current limit setting
Configure to setting 2
2.3
2.70
A
ILIM5V
Current limit setting
Configure to setting 3
3.04
3.58
A
ILIM5V
Current limit setting
Configure to setting 4
3.22
3.78
A
IVBUS
PP5V to VBUS current sense
accuracy
3.64A ≥ IVBUS ≥ 1 A
3.05
3.5
3.75
A/V
VPP_5V_RCP
RCP clears and PP_5V starts
turning on when VVBUS – VPP5V <
VPP_5V_RCP. Measure VVBUS – VPP5V
10
20
mV
tiOS_PP_5V
Response time to VBUS short circuit
VBUS to GND through
10mΩ, CVBUS = 0
1.15
µs
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com