Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 1 Page - Texas Instruments

  TPS25751AS Datasheet HTML 1Page - Texas Instruments TPS25751AS Datasheet HTML 2Page - Texas Instruments TPS25751AS Datasheet HTML 3Page - Texas Instruments TPS25751AS Datasheet HTML 4Page - Texas Instruments TPS25751AS Datasheet HTML 5Page - Texas Instruments TPS25751AS Datasheet HTML 6Page - Texas Instruments TPS25751AS Datasheet HTML 7Page - Texas Instruments TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches
Optimized for DRP Power Applications
1 Features
• This device is certified by the USB-IF for PD3.2
– TPS25751A TID#: 15341
– Article on PD2.0 vs. PD3.0
• Optimized for USB Type-C PD Sink (UFP) and
Dual Role Power (DRP) power applications
– Built in I2C control for TI battery chargers
– Web-based GUI and pre-configured firmware
– For a more extensive selection guide and
getting started information, please refer to
www.ti.com/usb-c
• Programmable power supply (PPS) and adjustable
voltage supply (AVS)
– Supports PPS source and sink
– Standalone PPS source control TI battery
chargers
– Programmable interface for PPS sink
– Supports AVS source
• Liquid detection
– Measures directly at the Type-C connector
– Integrated error handling and protection
• Integrated fully managed power paths
– Integrated 5V, 3A, and 36mΩ sourcing switch
(TPS25751AD and TPS25751AS)
– Integrated 20V, 5A, 15mΩ bi-directional load
switch (TPS25751AD only)
• Integrated robust power path protection
– 20V, 5A bi-directional switch: reverse current
protection (RCP), undervoltage protection
(UVP), overvoltage protection (OVP), and slew
rate control
– 5V, 3A sourcing switch: OVP, UVP, and current
limiting (ILIM) for inrush current protection
– 26V tolerant CC pins for robust protection when
connected to non-compliant devices
• Additional features
– 11 configurable GPIOs
– BC1.2 charging support
– 3.3V LDO output for dead battery support
– Power supply from 3.3V or VBUS source
– 1 I2C controller port
– 1 I2C target port
2 Applications
• Power tools, power banks, retail and payment
• Wireless speakers, cordless vacuum cleaner
• personal electronics and industrial applications
• Home health care and personal care and fitness
3 Description
The TPS25751A is a highly integrated stand-alone
USB Type-C and Power Delivery (PD) controller
optimized for applications supporting USB-C PD
Power. The TPS25751A integrates fully managed
power paths with robust protection for a complete
USB-C PD application. The TPS25751A also
integrates control for external battery charger ICs for
added ease of use and reduced time to market. The
intuitive web based GUI asks the user a few simple
questions on the applications needs using clear block
diagrams and simple multiple-choice questions. As a
result, the GUI creates the configuration image for the
user’s application, reducing much of the complexity
associated with USB PD applications.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TPS25751AD
38-WQFN (REF)
4.00mm x 6.00mm
TPS25751AS
32-VQFN (RSM)
4.00mm x 4.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TPS25751AS
CC
VCONN
VBUS
GND
CC1/2
5-20 V
2
Type-C Rp/Rd & state
machine,
VCONN switches,
USB PD policy engine,
protocol and physical
layer
I2C
Controller
BQ Battery
Charger
11 GPIO
5 V
LDO
3.3V
3.3V
3A
I2C
Target
Optional
Embedded
Controller
PP_EXT
Control
TPS25751AS Schematic
TPS25751AD
CC
VCONN
VBUS
GND
CC1/2
5-20 V
2
Type-C Rp/Rd & state
machine,
VCONN switches,
USB PD policy engine,
protocol and physical
layer
5A
I2C
Controller
BQ Battery
Charger
11 GPIO
5 V
LDO
3.3V
3.3V
3A
I2C
Target
Optional
Embedded
Controller
TPS25751AD Schematic
TPS25751A
SLVSJG7 – MAY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS25751AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25751AS TI2-TPS25751AS Datasheet
3Mb / 85P
TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
MAY 2026
TPS25751ASRSMR TI2-TPS25751ASRSMR Datasheet
3Mb / 85P
TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
MAY 2026
More results

Similar Description - TPS25751AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65987D TI1-TPS65987D Datasheet
1Mb / 68P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987D TI1-TPS65987D_18 Datasheet
2Mb / 73P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65987DDJ TI1-TPS65987DDJ Datasheet
2Mb / 72P
USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS25750 TI1-TPS25750 Datasheet
3Mb / 67P
TPS25750 USB Type-C and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS65987DDK TI-TPS65987DDK Datasheet
2Mb / 61P
TPS65987DDK USB Type-C and USB PD Controller with Integrated Power Switches For USB4 Devices
TPS25750 TI-TPS25750_V01 Datasheet
3Mb / 74P
TPS25750 USB Type-C짰 and USB PD Controller with Integrated Power Switches Optimized for Power Applications
TPS25751 TI1-TPS25751 Datasheet
3Mb / 89P
TPS25751 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
OCTOBER 2023
TPS25730 TI1-TPS25730 Datasheet
3Mb / 68P
TPS25730 USB Type-C® and USB PD Controller with Integrated Power Switches Optimized for Power Applications
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com