Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 38 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 34Page - Texas Instruments TPS25751AS Datasheet HTML 35Page - Texas Instruments TPS25751AS Datasheet HTML 36Page - Texas Instruments TPS25751AS Datasheet HTML 37Page - Texas Instruments TPS25751AS Datasheet HTML 38Page - Texas Instruments TPS25751AS Datasheet HTML 39Page - Texas Instruments TPS25751AS Datasheet HTML 40Page - Texas Instruments TPS25751AS Datasheet HTML 41Page - Texas Instruments TPS25751AS Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
VOVP4VSYS = VOVP4RCP / rOVP
Power Path Supervisor
VOVP4RCP
Figure 8-18. Diagram for OVP Comparators
8.3.3.3.2 Reverse-Current Protection (RCP)
The VSYS gate control circuit monitors the PPHV and VBUS voltages and detects reverse current when the
VVSYS surpasses VVBUS by more than VRCP. When the reverse current condition is detected, GATE_VBUS is
disabled within tPPHV_RCP. When the reverse current condition is cleared, GATE_VBUS is re-enabled within
tPPHV_ON. This action limits the amount of reverse current that can flow from PPHV to VBUS through the external
N-ch MOSFETs. In reverse current protection mode, the power switch controlled by GATE_VBUS is allowed to
behave resistively until the current reaches VRCP/ RPPHV and then blocks reverse current from PPHV to VBUS.
-VRCP
I
1/RPPHV
VRCP/RPPHV
V=VVBUS ± VPPHV
Copyright © 2018, Texas Instruments Incorporated
Figure 8-19. Switch I-V Curve for RCP on Powerpath Switches
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
38
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com