Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 75 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 75 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 71Page - Texas Instruments TPS25751AS Datasheet HTML 72Page - Texas Instruments TPS25751AS Datasheet HTML 73Page - Texas Instruments TPS25751AS Datasheet HTML 74Page - Texas Instruments TPS25751AS Datasheet HTML 75Page - Texas Instruments TPS25751AS Datasheet HTML 76Page - Texas Instruments TPS25751AS Datasheet HTML 77Page - Texas Instruments TPS25751AS Datasheet HTML 78Page - Texas Instruments TPS25751AS Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
9.4.2.2.2.1 TPS25751AS Component Placement
LDO_1V5 (pin 4), LDO_3V3 (pin 1), and VIN_3V3 (pin 32)
The decoupling capacitors for LDO_3V3, LDO_1V5, and VIN_3V3 (C15, C16, and C17 respectively) need to
be placed as close as possible to TPS25751AS device for optimal performance. To minimize solution size, the
decoupling capacitors are placed on the bottom layer with their ground pads directly underneath the ground pad
of TPS25751AS. Use a maximum of one via per pin from TPS25751AS to the decoupling capacitors if placed
on a different layer. Use a minimum of 10mil trace width to route these three traces, preferably with 16mil trace
width if possible.
CC1 (pin 24) and CC2 (pin 25)
CC1 (C11) and CC2 (C10) capacitors need to be placed as close as possible to their respective pins and on the
same layer as the TPS25751AS device. When routing the CCx traces, DO NOT via to another layer in between
the CCx pins of the TPS25751AS to the CCx capacitors. Check to make sure the CCx capacitors are not placed
outside the CC trace creating an antenna, instead have the traces pass directly through the CCx capacitor pads
as shown in the example layout (refer to Figure 9-25). Use a minimum of 10mil trace width to enable Vconn
support (5V/0.6A).
9.4.2.2.2.2 TPS25751AS PP5V
The 10uF decoupling capacitor (C8) need to be placed as close as possible to the PP5V pins of TPS25751AS.
DO NOT use traces for PP5V. The PP5V power plane needs to be sized to support up to 3.6A (up to 3A
for sourcing, 600mA for Vconn). When connecting the PP5V pins (pins 28 and 29) to the 5V power plane,
use a minimum of 4 vias in parallel and close to the device to improve current sharing. Minimize the bottle
necks caused by other vias or traces, large bottle necks reduce the efficiency of the power plane. The bulk
capacitors (C6, C7, and C9) represent capacitances from the system 5V rail, these are placed further away from
TPS25751AS on the same PP5V power plane. Refer to Figure 9-25 and Figure 9-26 for placement and trace
reference.
9.4.2.2.2.3 TPS25751AS PP_EXT
Place the PP_EXT decoupling capacitors (C12, C13, and C14) as close as possible to TPS25751AS. These
capacitors do not need to be on the same layer as the device. The PP_EXT power plane needs to be sized to
support up to 5A of current. When connecting the PP_EXT plane to a different layer, use a minimum of 6 vias
in parallel per layer change. It is highly recommended to have more than 6 vias if possible for layer change to
improve current sharing and efficiency.
VSYS (pin 19)
The VSYS pin (pin 19) can be connected with a trace (recommended 6mil trace width) to any of the vias on the
PPHV plane. It is recommended to connect to a via close to the source pin of the VSYS N-ch MOSFET(pins A2,
B2, D2, and E2 of the Q1 FET in the example schematic) to improve reverse current sensing protection. Refer to
the Detailed Description for RCP for additional information on RCP.
9.4.2.2.2.4 TPS25751AS VBUS
VBUS (pins 26 and 27)
Place the VBUS decoupling capacitor (C1) as close as possible to TPS25751AS, the capacitor does not need
to be on the same layer as the device. The VBUS power plane need to be sized to support up to 5A of current
if 100W application is required. When connecting the VBUS pins (pins 26 and 27) plane to a different layer,
use a minimum of 3 vias per layer change. When connecting the VBUS power plane to a different layer, use a
minimum of 6 vias per layer change. Refer to Figure 9-25 and Figure 9-26 for capacitors and via placement.
At the Type-C port/connector, it is recommended to use minimum of 6 vias from the connector VBUS pins for
layer changes. Place the 10nF caps (C2, C3, C4, and C5) and the 22V TVS diode (U2) as close as possible to
the connector VBUS pins as shown inFigure 9-26.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com