Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 28Page - Texas Instruments TPS25751AS Datasheet HTML 29Page - Texas Instruments TPS25751AS Datasheet HTML 30Page - Texas Instruments TPS25751AS Datasheet HTML 31Page - Texas Instruments TPS25751AS Datasheet HTML 32Page - Texas Instruments TPS25751AS Datasheet HTML 33Page - Texas Instruments TPS25751AS Datasheet HTML 34Page - Texas Instruments TPS25751AS Datasheet HTML 35Page - Texas Instruments TPS25751AS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
LDO
LDO_1V5
LDO
VREF
VREF
VIN_3V3
LDO_3V3
VBUS
RLDO_3V3
Figure 8-11. Power Supplies
The TPS25751A is powered from either VIN_3V3 or VBUS. The normal power supply input is VIN_3V3. When
powering from VIN_3V3, current flows from VIN_3V3 to LDO_3V3 to power the core 3.3V circuitry and I/Os.
A second LDO steps the voltage down from LDO_3V3 to LDO_1V5 to power the 1.5V core digital circuitry.
When VIN_3V3 power is unavailable and power is available on VBUS, the device is considered to be in the
dead-battery start-up condition. In a dead-battery start-up condition, the TPS25751A opens the VIN_3V3 switch
until the host clears the dead-battery flag through I2C. Therefore, the TPS25751A is powered from the VBUS
input with the higher voltage during the dead-battery start-up condition and until the dead-battery flag is cleared.
When powering from a VBUS input, the voltage on VBUS is stepped down through an LDO to LDO_3V3.
8.3.2.1 Power-On And Supervisory Functions
A power-on reset (POR) circuit monitors each supply. This POR allows active circuitry to turn on only when a
good supply is present.
8.3.2.2 VBUS LDO
The TPS25751A contains an internal high-voltage LDO which is capable of converting VBUS to 3.3V for
powering internal device circuitry. The VBUS LDO is used when in the dead-battery condition. (VIN_3V3 is low
and the dead-battery flag is active). The VBUS LDO is powered from VBUS.
8.3.3 Power Paths
The TPS25751A has internal sourcing power paths: PP_5V and PP_CABLE. TPS25751AD has a integrated
bidirectional high voltage load switch for sinking power path: PPHV.
TPS25751AS has a high voltage gate driver for power path control: PP_EXT. Each power path is described in
detail in this section.
8.3.3.1 Internal Sourcing Power Paths
Figure 8-12 shows the TPS25751A internal sourcing power paths available in both TPS25751AD and
TPS25751AS. The TPS25751A features two internal 5V sourcing power paths. The path from PP5V to VBUS is
called PP_5V. The path from PP5V to CCx is called PP_CABLE. Each path contains two back-to-back common
drain N-FETs, with current clamping protection, overvoltage protection, UVLO protection, and temperature
sensing circuitry. PP_5V can conduct up to 3A continuously, while PP_CABLE can conduct up to 315mA
continuously. When disabled, the blocking FET protects the PP5V rail from high-voltage that can appear on
VBUS.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com