Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 17Page - Texas Instruments TPS25751AS Datasheet HTML 18Page - Texas Instruments TPS25751AS Datasheet HTML 19Page - Texas Instruments TPS25751AS Datasheet HTML 20Page - Texas Instruments TPS25751AS Datasheet HTML 21Page - Texas Instruments TPS25751AS Datasheet HTML 22Page - Texas Instruments TPS25751AS Datasheet HTML 23Page - Texas Instruments TPS25751AS Datasheet HTML 24Page - Texas Instruments TPS25751AS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
6.19 I2C Requirements and Characteristics (continued)
Operating under these conditions unless otherwise noted: 3V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tVD;ACK
Valid data time of ACK condition
Transmitting data, VDD = 1.8V or
3.3V, ACK
signal from SCL low to SDA (out)
low
0.9
µs
SDA and SCL Fast Mode Plus Characteristics (Target)
fSCLS
Clock frequency for Fast Mode
Plus1
VDD = 1.8V or 3.3V
400
800
kHz
tVD;DAT
Valid data time
Transmitting data, VDD = 1.8V or
3.3V, SCL
low to SDA output valid
0.55
µs
tVD;ACK
Valid data time of ACK condition
Transmitting data, VDD = 1.8V or
3.3V, ACK
signal from SCL low to SDA (out)
low
0.55
µs
(1)
Controller must control fSCLS to make sure tLOW > tVD; ACK.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com