Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 5Page - Texas Instruments TPS25751AS Datasheet HTML 6Page - Texas Instruments TPS25751AS Datasheet HTML 7Page - Texas Instruments TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments TPS25751AS Datasheet HTML 10Page - Texas Instruments TPS25751AS Datasheet HTML 11Page - Texas Instruments TPS25751AS Datasheet HTML 12Page - Texas Instruments TPS25751AS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
6.3.2 TPS25751AS - Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
MIN
MAX
UNIT
VI
Input voltage range(1)
VIN_3V3
3.0
3.6
V
VI
Input voltage range(1)
PP5V
4.9
5.5
V
VI
Input voltage range(1)
VBUS2
4
22
V
VI
Input voltage range(1)
VSYS
0
22
V
VIO
I/O voltage range(1)
I2Cx_SDA, I2Cx_SCL, I2Cx_IRQ
ADCINx
0
3.6
V
GPIOx
0
5.5
CC1, CC2
0
5.5
IO
Output current (from PP5V)
VBUS
3
A
CC1, CC2
315
mA
IO
Output current (from LDO_3V3)
GPIOx
1
mA
IO
Output current (from VBUS LDO)
Sum of current from LDO_3V3 and
GPIOx
5
mA
TJ
Operating junction temperature
–40
125
°C
(1)
All voltage values are with respect to network GND. All GND pins must be connected directly to the GND plane of the board.
(2)
Short all VBUS and VBUS_IN pins together.
6.4 Recommended Capacitance
over operating free-air temperature range (unless otherwise noted)
PARAMETER (1)
VOLTAGE RATING
MIN
NOM
MAX
UNIT
CVIN_3V3
Capacitance on VIN_3V3
6.3V
5
10
µF
CLDO_3V3
Capacitance on LDO_3V3
6.3V
5
10
25
µF
CLDO_1V5
Capacitance on LDO_1V5
4V
4.5
12
µF
CVBUS
Capacitance on VBUS(4)
25V
1
4.7
10
µF
CPP5V
Capacitance on PP5V
10V
120(2)
µF
CVSYS TPS25751A
Capacitance on VSYS Sink from
VBUS(5)
25V
47
100
µF
CPPHV TPS25751AD
Capacitance on PPHV Sink from
VBUS(5)
25V
47
100
µF
CCCy
Capacitance on CCy pins(3)
6.3V
200
400
480
pF
(1)
Capacitance values do not include any derating factors. For example, if 5µF is required and the external capacitor value reduces by
50% at the required operating voltage, then the required external capacitor value is 10µF.
(2)
Minimum capacitance is a requirement from USB PD (cSrcBulkShared). Keep at least 120µF tied directly to PP5V.
(3)
Capacitance includes all external capacitance to the Type-C receptacle.
(4)
The device can be configured to quickly disable the sinking power path upon certain events. When such a configuration is used, a
capacitance on the higher side of this range is recommended.
(5)
USB PD specification for cSnkBulkPd (100µF) is the maximum bulk capacitance allowed on a VBUS sink after a PD contract is in
place. The capacitance is sufficient for all power conversion devices deriving power from the PD Controller sink path. For systems
requiring greater than 100µF, VBUS surge current limiting is implemented as described in the USB3.2 specification.
6.5.1 TPS25751AD - Thermal Information
THERMAL METRIC1
TPS25751AD
UNIT
QFN (REF)
38 PINS
RθJA
Junction-to-ambient thermal resistance
(sinking through PP_HV)
57.4
°C/W
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com