Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 8Page - Texas Instruments TPS25751AS Datasheet HTML 9Page - Texas Instruments TPS25751AS Datasheet HTML 10Page - Texas Instruments TPS25751AS Datasheet HTML 11Page - Texas Instruments TPS25751AS Datasheet HTML 12Page - Texas Instruments TPS25751AS Datasheet HTML 13Page - Texas Instruments TPS25751AS Datasheet HTML 14Page - Texas Instruments TPS25751AS Datasheet HTML 15Page - Texas Instruments TPS25751AS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
6.8 PP_5V Power Switch Characteristics (continued)
Operating under these conditions unless otherwise noted: 3.0V ≤ VLDO_3V3 ≤ 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPP_5V_ovp
Response time to VVBUS > VOVP4RCP
Enable PP_5V, IRpDef
being drawn from PP5V,
configure VOVP4RCP to
setting 2, ramp VVBUS from
4V to 20V at 100V/ms,
CPP5V = 2.5 µF, measure
time from OVP detection
until reverse current <
100mA
4.5
µs
tPP_5V_uvlo
Response time to VPP5V <
VPP5V_UVLO, PP_VBUS is deemed off
when VVBUS < 0.8V
RL = 100Ω, no external
capacitance on VBUS
4
µs
tPP_5V_rcp
Response time to VPP5V < VVBUS +
VPP_5V_RCP
VPP5V = 5.5V, IRpDef
being drawn from PP5V,
enable PP_5V, configure
VOVP4RCP to setting 2,
ramp VVBUS from 4V to
21.5V at 10 V/µs, measure
VPP5V. CPP5V = 104µF,
CVBUS=10µF, measure time
from RCP detection until
reverse current < 100mA
0.7
µs
tILIM
Current clamping deglitch time
5.1
ms
tON
From enable signal to VBUS at 90%
of final value
RL = 100Ω, VPP5V = 5V, CL
= 0
2.3
3.3
4.3
ms
tOFF
From disable signal to VBUS at 10%
of final value
RL = 100Ω, VPP5V = 5V, CL
= 0
0.30
0.45
0.6
ms
tRISE
VBUS from 10% to 90% of final value
RL = 100Ω, VPP5V = 5V, CL
= 0
1.2
1.7
2.2
ms
tFALL
VBUS from 90% to 10% of initial
value
RL = 100Ω, VPP5V = 5V, CL
= 0
0.06
0.1
0.14
ms
6.9 PPHV Power Switch Characteristics - TPS25751AD
Operating under these conditions unless otherwise noted: 3.0V ≤ VLDO_3V3 ≤ 3.6V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPPHV
Resistance from VBUS_IN to PPHV
power switch resistance
TJ_PPHV = 25°C, IPPHV =
6.5A
16
19
mΩ
TJ_PPHV = 125°C, IPPHV =
6.5A
24
29
TJ_PPHV = 150°C, IPPHV =
6.5A
27
32
mΩ
VRCP
Comparator mode RCP threshold,
VPPHV - VVBUS
Setting 0, 4V ≤ VVBUS ≤
22V, VVIN_3V3 ≤ 3.63V
2
6
10
mV
VRCP
Comparator mode RCP threshold,
VPPHV - VVBUS
setting 1, 4V ≤ VVBUS ≤
22V, VVIN_3V3 ≤ 3.63V
4
8
12
mV
VRCP
Comparator mode RCP threshold,
VPPHV - VVBUS
Setting 2, 4V ≤ VVBUS ≤
22V, VVIN_3V3 ≤ 3.63V
6
10
14
mV
VRCP
Comparator mode RCP threshold,
VPPHV - VVBUS
Setting 3, 4V ≤ VVBUS ≤
22V, VVIN_3V3 ≤ 3.63V
8
12
16
mV
SS
Soft start slew rate for GATE_VSYS,
setting 0
4V ≤ VVBUS ≤ 22V,
ILOAD = 100mA, 500pF
< CGATE_VSYS < 16nF,
measure slope from 10% to
90% of final VSYS value
0.35
0.41
0.47
V/ms
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com