Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 45 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 41Page - Texas Instruments TPS25751AS Datasheet HTML 42Page - Texas Instruments TPS25751AS Datasheet HTML 43Page - Texas Instruments TPS25751AS Datasheet HTML 44Page - Texas Instruments TPS25751AS Datasheet HTML 45Page - Texas Instruments TPS25751AS Datasheet HTML 46Page - Texas Instruments TPS25751AS Datasheet HTML 47Page - Texas Instruments TPS25751AS Datasheet HTML 48Page - Texas Instruments TPS25751AS Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
8.3.10.2 I2C Interface
The TPS25751A features two I2C interfaces that use an I2C I/O driver like the one shown in Figure 8-25. This I/O
consists of an open-drain output and an input comparator with de-glitching.
I2C_SDA/SCL
I2C_DO
I2C_DI
50ns
Deglitch
Figure 8-25. I2C Buffer
The TPS25751A has one I2C target interface ports: I2Ct. I2C port I2Ct is comprised of the I2Ct_SDA, I2Ct_SCL,
and I2Ct_IRQ pins. This interface provide general status information about the TPS25751A, as well as the
ability to control the TPS25751A behavior, supporting communications to/from a connected device and/or cable
supporting BMC USB-PD, and providing information about connections detected at the USB-C receptacle.
When the TPS25751A is in 'APP' mode TI recommends to use standard mode or Fast mode (that is a clock
speed no higher than 400kHz). However, in the BOOT mode when a patch bundle is loaded Fast Mode Plus can
be used (see fSCLS).
The TPS25751A has one I2C controller interface port. I2C is comprised of the I2Cc_SDA, I2Cc_SCL, and
I2Cc_IRQ pins. This interface can be used to read from or write to external target devices.
During boot, the TPS25751A attempts to read patch and Application Configuration data from an external
EEPROM with a 7-bit target address of 0x50. The EEPROM must be at least 32 kilo-bytes.
Table 8-4. I2C Summary
I2C BUS
TYPE
TYPICAL USAGE
I2Ct
Target
Optionally can be connected to an external MCU. Also used to load the patch and application
configuration.
I2Cc
Controller
Connect to a I2C EEPROM, Battery Charger. Use the LDO_3V3 pin as the pullup voltage. Multi-
controller configuration is not supported.
8.3.10.2.1 I2C Interface Description
The TPS25751A supports Standard and Fast mode I2C interfaces. The bidirectional I2C bus consists of the
serial clock (SCL) and serial data (SDA) lines. Both lines must be connected to a supply through a pullup
resistor. Data transfer can be initiated only when the bus is not busy.
A controller sending a Start condition, a high-to-low transition on the SDA input and output, while the SCL input
is high initiates I2C communication. After the Start condition, the device address byte is sent, most significant bit
(MSB) first, including the data direction bit (R/W).
After receiving the valid address byte, this device responds with an acknowledge (ACK), a low on the SDA
input/output during the high of the ACK-related clock pulse. On the I2C bus, only one data bit is transferred
during each clock pulse. The data on the SDA line must remain stable during the high pulse of the clock period
as changes in the data line at this time are interpreted as control commands (Start or Stop). The controller sends
a Stop condition, a low-to-high transition on the SDA input and output while the SCL input is high.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com