Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 40 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 40 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 36Page - Texas Instruments TPS25751AS Datasheet HTML 37Page - Texas Instruments TPS25751AS Datasheet HTML 38Page - Texas Instruments TPS25751AS Datasheet HTML 39Page - Texas Instruments TPS25751AS Datasheet HTML 40Page - Texas Instruments TPS25751AS Datasheet HTML 41Page - Texas Instruments TPS25751AS Datasheet HTML 42Page - Texas Instruments TPS25751AS Datasheet HTML 43Page - Texas Instruments TPS25751AS Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
Table 8-1. Cable Detect States for a Source (continued)
CC1
CC2
CONNECTION STATE
RESULTING ACTION
Open
Ra
Powered Cable-No UFP
attached
Monitor CC1 for a Sink attach and CC2 for cable detach. Power is not applied to
VBUS or VCONN (CC1).
Ra
Rd
Powered Cable-UFP Attached
Provide power on VBUS and VCONN CC1) then monitor CC2 for a Sink detach.
CC1 is not monitored for a detach.
Rd
Ra
Powered Cable-UFP attached
Provide power on VBUS and VCONN (CC2) then monitor CC1 for a Sink detach.
CC2 is not monitored for a detach.
Rd
Rd
Debug Accessory Mode
attached
Sense either CCy pin for detach.
Ra
Ra
Corrosion Mitigation
Sense either CCy pin for detach.
When a TPS25751A port is configured as a Source, a current IRpDef is driven out each CCy pin and each pin is
monitored for different states. When a Sink is attached to the pin, a pulldown resistance of Rd to GND exists.
The current IRpDef is then forced across the resistance Rd, generating a voltage at the CCy pin. The TPS25751A
applies IRpDef until the device closes the switch from PP5V to VBUS, at which time application firmware can
change to IRp1.5A or IRp3.0A.
When the CCy pin is connected to an active cable VCONN input, the pulldown resistance is different (Ra). In this
case, the voltage on the CCy pin lowers the PD controller recognizes the pulldown as an active cable.
The voltage on CCy is monitored to detect a disconnection depending upon which Rp current source is active.
When a connection has been recognized and the voltage on CCy subsequently rises above the disconnect
threshold for tCC, the system registers a disconnection.
8.3.4.2 Configured as a Sink
When a TPS25751A port is configured as a Sink, the TPS25751A presents a pulldown resistance RSNK on each
CCy pin and waits for a Source to attach and pull up the voltage on the pin. The Sink detects an attachment by
the presence of VBUS and determines the advertised current from the Source based on the voltage on the CCy
pin.
8.3.4.3 Configured as a DRP
When a TPS25751A port is configured as a DRP, the TPS25751A alternates the CCy pins of the port between
the pulldown resistance, RSNK, and pullup current source, IRp.
8.3.4.4 Dead Battery Advertisement
The TPS25751A supports booting from no-battery or dead-battery conditions by receiving power from VBUS.
Type-C USB ports require a sink to present Rd on the CC pin before a USB Type-C source provides a voltage
on VBUS. TPS25751A hardware is configured to present this Rd during a dead-battery or no-battery condition.
Additional circuitry provides a mechanism to turn off this Rd once the device no longer requires power from
VBUS.
8.3.5 Overvoltage Protection (CC1, CC2)
The TPS25751A detects when the voltage on the CC1 or CC2 pin is too high or there is reverse current into
the PP5V pin and takes action to protect the system. The protective action is to disable PP_CABLE within
tPP_CABLE_FSD and disable the USB PD transmitter.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
40
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com