Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 55 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 55 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 51Page - Texas Instruments TPS25751AS Datasheet HTML 52Page - Texas Instruments TPS25751AS Datasheet HTML 53Page - Texas Instruments TPS25751AS Datasheet HTML 54Page - Texas Instruments TPS25751AS Datasheet HTML 55Page - Texas Instruments TPS25751AS Datasheet HTML 56Page - Texas Instruments TPS25751AS Datasheet HTML 57Page - Texas Instruments TPS25751AS Datasheet HTML 58Page - Texas Instruments TPS25751AS Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
TPS25751A
GPIOx
GPIO0
GND
GPIO2
USB Type-C
Connector
SBU1
SBU2
GND
Liquid Detection +
Protection Circuit
VBUS
CCx
VBUS
CCx
0V – 20V
0V – 3.3V (5V
for Vconn)
0V
Liquid Control
RSaV
RSaCC
RSaG
Figure 9-3. Liquid Detection Cases
9.2.1.2 BC1.2 Application Design Requirements
The PD controller uses the USB D+ and D- pins to provide BC1.2 detection and advertisement. The USB D+ and
D- are connected to the USB Host (DFP) or USB Device (UFP) from the Type-C connector for Charging Data
Port applications.
9.2.1.3 USB Data Support Design Requirements
For USB3 operation, the SSTX/RX are muxed to the Type-C connector. A SuperSpeed Mux generally has two
control signals; enable and plug orientation. The PD controller determines when a connection is detected and
drives the required GPIO to control the SuperSpeed Mux.
9.2.2 Detailed Design Procedure
9.2.2.1 Liquid Detection
The TPS25751A supports liquid detection using the built-in internal ADC and GPIO with external circuitry.
TPS25751A Liquid Detection Block Diagram - CC1 and CC2 Monitor Pins and TPS25751A Liquid Detection
Block Diagram - SBU1 and SBU2 Monitor Pins show the hardware implementation using CC1/2 and SBU1/2
pins for liquid detection with the TPS25751A. The TPD4S201 is used to protect the ADC pins from over voltage
conditions when there is liquid shorting VBUS to the monitoring pins. When liquid is detected, the TPS25751A
takes action to protect the Type-C port. Systems using an embedded host controller can leverage the Host
Interface for additional notification and control.
Table 9-2. Liquid Detection GPIO Pin Function
Pin
Function
GPIO0 and GPIO2
Internal ADC to measure the biased voltage on the monitoring pins.
GPIOx
Output GPIO that controls the biasing voltage that drives the
monitoring pins High and Low.
GPIOy
Input GPIO that initiates Type-C Error Recovery when a fault is
detected by the protection device.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com