Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 43 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 43 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 39Page - Texas Instruments TPS25751AS Datasheet HTML 40Page - Texas Instruments TPS25751AS Datasheet HTML 41Page - Texas Instruments TPS25751AS Datasheet HTML 42Page - Texas Instruments TPS25751AS Datasheet HTML 43Page - Texas Instruments TPS25751AS Datasheet HTML 44Page - Texas Instruments TPS25751AS Datasheet HTML 45Page - Texas Instruments TPS25751AS Datasheet HTML 46Page - Texas Instruments TPS25751AS Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
8.3.7 ADC
The TPS25751A ADC is shown in Figure 8-23. The ADC is an 8-bit successive approximation ADC. The input to
the ADC is an analog input mux that supports multiple inputs from various voltages and currents in the device.
The output from the ADC is available to be read and used by application firmware.
ADC
Input
Mux
8 bits
Voltage
Divider 2
Buffers &
Voltage
Divider 1
ADCIN1
ADCIN2
GPIO4
GPIO2
VBUS
I-to-V
I_VBUS
LDO_3V3
Copyright © 2018, Texas Instruments Incorporated
Voltage
Divider 1
GPIO0
GPIO5
Figure 8-23. SAR ADC
8.3.8 Liquid Detection
The TPS25751A features liquid detection and corrosion mitigation through monitoring the voltage on pins from
the connector. The device monitors pins periodically checking for variations on the pin voltage indicating a short.
When configured for corrosion mitigation, the PD controller disconnects from the far end device and monitors for
voltage readings indicating the liquid is no longer present.
For additional information, refer to the Section 9 section.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com