Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 19Page - Texas Instruments TPS25751AS Datasheet HTML 20Page - Texas Instruments TPS25751AS Datasheet HTML 21Page - Texas Instruments TPS25751AS Datasheet HTML 22Page - Texas Instruments TPS25751AS Datasheet HTML 23Page - Texas Instruments TPS25751AS Datasheet HTML 24Page - Texas Instruments TPS25751AS Datasheet HTML 25Page - Texas Instruments TPS25751AS Datasheet HTML 26Page - Texas Instruments TPS25751AS Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
6.20 Typical Characteristics (continued)
TJ (
oC)
-40
-20
0
20
40
60
80
100
120
140
7.8
8
8.2
8.4
8.6
8.8
9
9.2
9.4
TypG
GATE_VSYS: VSYS= 0 V
GATE_VSYS: VSYS= 22 V
GATE_VBUS
Figure 6-7. VGATE_VBUS_ON vs Temperature for TPS25751AS
TJ (
oC)
-20
0
20
40
60
80
100
120
140
9.85
9.9
9.95
10
10.05
10.1
10.15
10.2
TypG
IGATE_VBUS
IGATE_VSYS
Figure 6-8. IGATE_ON vs Temperature for TPS25751AS
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com