Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 31 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 27Page - Texas Instruments TPS25751AS Datasheet HTML 28Page - Texas Instruments TPS25751AS Datasheet HTML 29Page - Texas Instruments TPS25751AS Datasheet HTML 30Page - Texas Instruments TPS25751AS Datasheet HTML 31Page - Texas Instruments TPS25751AS Datasheet HTML 32Page - Texas Instruments TPS25751AS Datasheet HTML 33Page - Texas Instruments TPS25751AS Datasheet HTML 34Page - Texas Instruments TPS25751AS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
When driving the line, the transmitter driver has an output impedance of ZDRIVER. ZDRIVER is determined by the
driver resistance and the shunt capacitance of the source and is frequency dependent. ZDRIVER impacts the
noise ingression in the cable.
ZDRIVER Circuit shows the simplified circuit determining ZDRIVER. The circuit is specified such that noise at the
receiver is bounded.
Driver
R
DRIVER
C
DRIVER
Z
DRIVER
Figure 8-9. ZDRIVER Circuit
8.3.1.5 USB-PD BMC Receiver
The receiver block of the TPS25751A receives a signal that follows the allowed Rx masks defined in the USB
PD specification. The receive thresholds and hysteresis come from this mask.
Example USB-PD Multi-Drop Configuration shows an example of a multi-drop USB-PD connection (only the CC
wire). This connection has the typical Sink (device) to Source (host) connection, but also includes cable USB-PD
Tx/Rx blocks. Only one system can be transmitting at a time. All other systems are Hi-Z (ZBMCRX). The USB-PD
Specification also specifies the capacitance that can exist on the wire as well as a typical DC bias setting circuit
for attach detection.
Tx
Rx
Pullup for
Attach
Detection
CRECEIVER
Connector
CCablePlug_CC
Rx
Tx
Tx
Rx
Connector
Rx
Tx
RD for
Attach
Detection
Cable
Source
System
Sink
System
CRECEIVER
623¶ 3'
communication only
(eMarker #1)
623¶¶ 3'
communication only
(eMarker #2)
CC wire
CCablePlug_CC
Figure 8-10. Example USB-PD Multi-Drop Configuration
8.3.1.6 Squelch Receiver
The TPS25751A has a squelch receiver to monitor for the bus idle condition as defined by the USB PD
specification.
8.3.2 Power Management
The TPS25751A power management block receives power and generates voltages to provide power to the
TPS25751A internal circuitry. These generated power rails are LDO_3V3 and LDO_1V5. LDO_3V3 can also be
used as a low power output for external EEPROM memory. The power supply path is shown in Figure 8-11.
www.ti.com
TPS25751A
SLVSJG7 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com