Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 82 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 82 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 78Page - Texas Instruments TPS25751AS Datasheet HTML 79Page - Texas Instruments TPS25751AS Datasheet HTML 80Page - Texas Instruments TPS25751AS Datasheet HTML 81Page - Texas Instruments TPS25751AS Datasheet HTML 82Page - Texas Instruments TPS25751AS Datasheet HTML 83Page - Texas Instruments TPS25751AS Datasheet HTML 84Page - Texas Instruments TPS25751AS Datasheet HTML 85Page - Texas Instruments TPS25751AS Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
30X (0.4)
30X (0.55)
38X (0.2)
(1.56)
(1.53)
(2.72)
2X
(1.075)
4X
(0.45)
4X (0.2)
(2.925)
(3.2)
2X (0.55)
(R0.05) TYP
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
(
0.2) TYP
VIA
(3.85)
2X
(2.65)
(2.075)
(0.145)
(0.965)
WQFN - 0.8 mm max height
REF0038A
PLASTIC QUAD FLATPACK - NO LEAD
4226763/C 11/2021
PKG
1
6
7
19
20
25
26
38
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:18X
39
40
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
NOTES: (continued)
4. This package is designed to be soldered to thermal pads on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
PADS 20-25 & 32-35
EXPOSED METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NOT TO SCALE
NON SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com