Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 20Page - Texas Instruments TPS25751AS Datasheet HTML 21Page - Texas Instruments TPS25751AS Datasheet HTML 22Page - Texas Instruments TPS25751AS Datasheet HTML 23Page - Texas Instruments TPS25751AS Datasheet HTML 24Page - Texas Instruments TPS25751AS Datasheet HTML 25Page - Texas Instruments TPS25751AS Datasheet HTML 26Page - Texas Instruments TPS25751AS Datasheet HTML 27Page - Texas Instruments TPS25751AS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
7 Parameter Measurement Information
002aac938
tf
70 %
30 %
SDA
tf
70 %
30 %
S
tr
70 %
30 %
70 %
30 %
t
SCL
HD;DAT
1 / f
1
clock cycle
SCL
st
70 %
30 %
70 %
30 %
tr
t
cont.
VD;DAT
cont.
SDA
SCL
tSU;STA
tHD;STA
Sr
tSP
tSU;STO
tBUF
P
S
tHIGH
9
clock
th
tHD;STA
tLOW
70 %
30 %
tVD;ACK
9
clock
th
tSU;DAT
Figure 7-1. I2C Target Interface Timing
tiOS_PP_5V, tiOS_PP_CABLE
ILIM5V, ILIMVC
Figure 7-2. Short-circuit Response Time for Internal Power Paths PP_5V and PP_CABLE
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com