Electronic Components Datasheet Search
  English  ▼

X  

TPS25751AS Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS25751AS
Description  TPS25751A USB Type-C® and USB PD Controller With Integrated Power Switches Optimized for DRP Power Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS25751AS Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS25751AS Datasheet HTML 32Page - Texas Instruments TPS25751AS Datasheet HTML 33Page - Texas Instruments TPS25751AS Datasheet HTML 34Page - Texas Instruments TPS25751AS Datasheet HTML 35Page - Texas Instruments TPS25751AS Datasheet HTML 36Page - Texas Instruments TPS25751AS Datasheet HTML 37Page - Texas Instruments TPS25751AS Datasheet HTML 38Page - Texas Instruments TPS25751AS Datasheet HTML 39Page - Texas Instruments TPS25751AS Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
8.3.3.2.3 VBUS UVLO
The TPS25751A monitors VBUS voltage and detects when the voltage falls below VVBUS_UVLO. When the
UVLO condition is detected, GATE_VBUS is disabled within tPPHV_RCP. When the UVLO condition is cleared,
GATE_VBUS is re-enabled within tPPHV_ON.
8.3.3.2.4 Discharging VBUS to Safe Voltage
The TPS25751A has an integrated active pulldown (IDSCH) on VBUS for discharging from high voltage to
VSAFE0V (0.8V). This discharge is applied when the device is in an Unattached Type-C state.
8.3.3.3 External Powerpath Control PP_EXT
The TPS25751AS has two N-ch gate drivers designed to control a sinking path from VBUS to VSYS and
a sourcing path from VSYS to VBUS. The charge pump for these gate drivers requires VBUS to be above
VVBUS_UVLO. When a sink path is enabled, the circuitry includes a slew rate control loop to make sure that
external switches do not turn on too quickly (SS).The TPS25751AS senses the VSYS and VBUS voltages to
control the gate voltages to enable or disable the external FETs.
The high voltage power path control includes overvoltage protection (OVP), and reverse current protection
(RCP). Adding resistance in series with a GATE pin of the TPS25751AS and the gate pin of the N-ch MOSFET
slows down the turnoff time when OVP or RCP occurs. Any such resistance must be minimized, and not allowed
to exceed 3Ω.
PP_EXT
Figure 8-16. PP_EXT External Powerpath Control
Details of the VSYS Gate Driver shows the GATE_VSYS gate driver in more detail.
TPS25751A
SLVSJG7 – MAY 2026
www.ti.com
36
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPS25751A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com