Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 127 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 127 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 131Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
127
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Reset / ID
15:0
SW_RESET_CHIP_
ID
[15:0]
(rr)
8990h
Writing to this register resets all registers to their default state.
Reading from this register will indicate device family ID 8990h.
15:13
000b
Reserved - Do Not Change
12
SPK_ENA
(rw)
0b
SPKMIX Mixer, Speaker PGA and Speaker Output Enable
0 = disabled
1 = enabled
11
OUT3_ENA
(rw)
0b
OUT3 and OUT3MIX Enable
0 = disabled
1 = enabled
10
OUT4_ENA
(rw)
0b
OUT4 and OUT4MIX Enable
0 = disabled
1 = enabled
9
LOUT_ENA
(rw)
0b
LOUT (Left Headphone Output) Enable
0 = disabled
1 = enabled
8
ROUT_ENA
(rw)
0b
ROUT (Right Headphone Output) Enable
0 = disabled
1 = enabled
7:5
000b
Reserved - Do Not Change
4
MICBIAS_ENA
(rw)
0b
MICBIAS Enable
0 = OFF (high impedance output)
1 = ON
3
0b
Reserved - Do Not Change
2:1
VMID_MODE
[1:0]
(rw)
00b
Vmid Divider Enable and Select
00 = Vmid disabled (for OFF mode)
01 = 2 x 50k
Ω divider (Normal mode)
10 = 2 x 250k
Ω divider (Standby mode)
11 = 2 x 5k
Ω divider (for fast start-up)
R1 (01h)
Power
Management
(1)
0
VREF_ENA
(rw)
0b
VREF Enable (Bias for all analogue functions)
0 = VREF bias disabled
1 = VREF bias enabled
15
PLL_ENA
(rw)
0b
PLL Enable
0 = disabled
1 = enabled
14
TSHUT_ENA
(rw)
1b
Thermal Sensor Enable
0 = Thermal sensor disabled
1 = Thermal sensor enabled
13
TSHUT_OPDIS
(rw)
1b
Thermal Shutdown Enable
(Requires thermal sensor to be enabled)
0 = Thermal shutdown disabled
1 = Thermal shutdown enabled
12
0b
Reserved - Do Not Change
11
OPCLK_ENA
(rw)
0b
GPIO Clock Output Enable
0 = disabled
1 = enabled
R02 (02h)
Power
Management
(2)
10
0b
Reserved - Do Not Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com