Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 128 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 128 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 132Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
128
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
AINL_ENA
(rw)
0b
Left Input Path Enable
(Enables AINLMUX, INMIXL, DIFFINL and RXVOICE input to
AINLMUX)
0 = disabled
1 = enabled
8
AINR_ENA
(rw)
0b
Right Input Path Enable
(Enables AINRMUX, INMIXR, DIFFINR and RXVOICE input to
AINRMUX)
0 = disabled
1 = enabled
7
LIN34_ENA
(rw)
0b
LIN34 Input PGA Enable
0 = disabled
1 = enabled
6
LIN12_ENA
(rw)
0b
LIN12 Input PGA Enable
0 = disabled
1 = enabled
5
RIN34_ENA
(rw)
0b
RIN34 Input PGA Enable
0 = disabled
1 = enabled
4
RIN12_ENA
(rw)
0b
RIN12 Input PGA Enable
0 = disabled
1 = enabled
3:0
0000b
Reserved - Do Not Change
15:14
00b
Reserved - Do Not Change
13
LON_ENA
(rw)
0b
LON Line Out and LONMIX Enable
0 = disabled
1 = enabled
12
LOP_ENA
(rw)
0b
LOP Line Out and LOPMIX Enable
0 = disabled
1 = enabled
11
RON_ENA
(rw)
0b
RON Line Out and RONMIX Enable
0 = disabled
1 = enabled
10
ROP_ENA
(rw)
0b
ROP Line Out and ROPMIX Enable
0 = disabled
1 = enabled
9
0b
Reserved - Do Not Change
8
SPKPGA_ENA
(rw)
0b
SPKMIX Mixer and Speaker PGA Enable
0 = disabled
1 = enabled
Note that SPKMIX and SPKPGA are also enabled when
SPK_ENA is set.
7
LOPGA_ENA
(rw)
0b
LOPGA Left Volume Control Enable
0 = disabled
1 = enabled
6
ROPGA_ENA
(rw)
0b
ROPGA Right Volume Control Enable
0 = disabled
1 = enabled
5
LOMIX_ENA
(rw)
0b
LOMIX Left Output Mixer Enable
0 = disabled
1 = enabled
R03 (03h)
Power
Management
(3)
4
ROMIX_ENA
(rw)
0b
ROMIX Right Output Mixer Enable
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com