Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 30 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 26Page - Analog Devices ADMV4530 Datasheet HTML 27Page - Analog Devices ADMV4530 Datasheet HTML 28Page - Analog Devices ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Data Sheet
ADMV4530
THEORY OF OPERATION
analog.com
Rev. C | 30 of 64
The ADMV4530 integrates a fractional-N PLL, VCO, internal 2×
multiplier, and I/Q mixer. The fractional-N PLL locks the VCO to
a precise reference input signal for low noise operation. The VCO
signal is then multiplied by the internal 2× multiplier to generate the
necessary LO signal for the I/Q mixer. The I/Q mixer can operate
with either differential baseband I/Q inputs or a single-ended IF
input. The functionality of the various blocks within the ADMV4530
follows within this section.
SPI CONFIGURATION
The SPI of the ADMV4530 allows configuration of the device for
specific functions or operations via the 4-pin SPI port. This interface
provides users with added flexibility and customization. The SPI
consists of four control lines: SCLK, SDI, SDO, and CS. The
ADMV4530 protocol consists of a write/read bit followed by 15
register address bits and 8 data bits. The address field and data
field are organized MSB first and end with the LSB.
For a write operation, set the MSB to 0, and for a read operation,
set the MSB to 1. The write cycle must be sampled on the rising
edge of SCLK. The 24 bits of the serial write address and data are
shifted in on the SDI control line, MSB to LSB. The ADMV4530
input logic level for the write cycle supports a 3.3 V interface.
For a read cycle, the R/W bit and the 15 bits of address shift in
on the rising edge of SCLK on the SDI control line. Then, 8 bits of
serial read data shift out on the SDO control line, MSB first, on the
falling edge of SCLK. The output logic level for a read cycle is 3.3 V.
The output drivers of the SDO are enabled after the last rising edge
of SCLK of the instruction cycle and remain active until the end of
the read cycle. In a read operation, when CS is deasserted, SDO
returns to high impedance until the next read transaction. The CS is
active low and must be deasserted at the end of the write or read
sequence.
An active low input on CS starts and gates a communication
cycle. The CS pin allows more than one device to be used on the
same serial communications lines. The SDO pin goes to a high
impedance state when the CS input is high. During the communica-
tion cycle, the chip select must stay low. The SPI communications
protocol follows the Analog Devices, Inc., SPI standard. For more
information, see the ADI-SPI Serial Control Interface Standard (Rev
1.0).
REGISTER MAP SECTIONS
The ADMV4530 consists of three register map sections. The first
section spans from Register 0x000 through Register 0x00D and
follows the standard Analog Devices SPI protocol, which includes
protocol setup and device identification registers. The second regis-
ter map section starts at Register 0x010 through Register 0x07C
and contains all of the relevant PLL control registers. The third reg-
ister map section starts at Register 0x100 through Register 0x119
and contains all of the mixer and baseband control registers. To
read back the register values from the first and third sections, the
REG_PAGE_SEL bits in Register 0x117 must be set to 1, and
to read back from the PLL section, the REG_PAGE_SEL bits in
Register 0x117 must be set to 0.
DOUBLE BUFFERED REGISTERS
The PLL inside the ADMV4530 contains several double buffered
bit fields that take effect only after a write to the lower portion of
the N counter integer value (Register 0x010). This register applies
any changes to these double buffered bit fields and initiates the
autocalibration routine. The following is a list of the double buffered
bit fields and their corresponding registers:
►
REF_X2_EN (Register 0x022)
►
RDIV2 (Register 0x022)
►
R_WORD (Register 0x01F)
►
CP_CURRENT (Register 0x01E)
►
FRAC2WORD (Register 0x017 and Register 0x018)
►
FRAC1WORD (Register 0x014 through Register 0x017)
►
MOD2WORD (Register 0x019 and Register 0x01A)
►
BIT_INTEGER_WORD (Register 0x010 and Register 0x011)
START-UP INITIALIZATION SEQUENCE
Upon powering up or resetting the ADMV4530, it is recommended
to program the register map in reverse order, starting with the
highest register number first. The reverse order ensures that the
double buffered registers are programmed prior to initiating the
autocalibration routine and that all PLL control settings are in their
correct state. The recommended values of each register are shown
in both the Register Summary section and the Register Details
section. The following describes the recommended programming
sequence:
1. Program Register 0x000 to a value of 0x18 to enable the SDO
pin.
2. Program Register 0x117 to a value of 0x4C to enable reading
from the mixer section of the register map.
3. Program Register 0x100 through Register 0x119 in reverse or-
der based upon the desired mixer settings.
4. Program Register 0x117 to a value of 0x0C to enable reading
from the PLL section of the register map.
5. Program Register 0x010 through Register 0x07C in reverse or-
der based upon the desired PLL settings.
FREQUENCY UPDATE SEQUENCE
After the initialization sequence is performed, the output frequency
can be updated by programming Register 0x010 through Register
0x01A in reverse order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com