Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 31 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 27Page - Analog Devices ADMV4530 Datasheet HTML 28Page - Analog Devices ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices ADMV4530 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Data Sheet
ADMV4530
THEORY OF OPERATION
analog.com
Rev. C | 31 of 64
REFERENCE INPUT
Figure 90 shows the single-ended reference input stage. There is
an internal reference multiply by 2 block (×2 doubler) that allows
generation of higher fPFD. A higher fPFD is useful for improving
overall system phase noise performance. Typically, doubling the
fPFD improves the in band phase noise performance by up to 3
dBc/Hz. Use the REF_X2_EN bit (Register 0x022, Bit 5) to enable
the reference doubler, which toggles the SW1 switch, shown in
Figure 90.
Following the reference doubler block, there are two frequency
dividers: a 5-bit R counter (1 to 32 allowed) and a divide by 2
block. These dividers allow the input REF frequency to be divided
down to produce lower fPFD that helps minimize fractional-N integer
boundary spurs at the output.
Use the R_WORD bits (Bits[4:0]) in Register 0x01F to set the
R counter. If the R_WORD = 1, the SW2 switch is in the position
shown in Figure 90. Otherwise, the SW2 switch toggles to use the
R counter. Additionally, R_WORD = 0 corresponds to a divide by 32
value for the R counter. To enable the reference divide by 2 block,
use the RDIV2 bit (Register 0x022, Bit 4) which toggles the SW3
switch, shown in Figure 90.
N COUNTER
The N counter allows a division ratio in the PLL feedback path from
the VCO. Note that the VCO signal is multiplied by 2 to achieve
the LO frequency at the input of the mixer. The division ratio is
determined by using the Integer N (INT), fractional-N (FRAC), and
modulus (MOD) values that this counter comprises. The applicable
registers for setting the INT, FRAC, and MOD values are Register
0x010 to Register 0x01A.
Figure 89. N Counter Functional Block Diagram
PRESCALER AND PRESCALER BIAS
There are two prescalers prior to the N counter, the 4/5 prescaler
and the 8/9 prescaler. The prescaler can be selected using the
PRE_SEL bit (Register 0x012, Bit 5). The 4/5 prescaler supports N
counter values from 23 to 511, and the 8/9 prescaler supports N
counter values from 75 to 1023.
There is bias control for the prescaler, using the RF_PBS bits
(Register 0x027, Bits[1:0]). For normal operation, keep RF_PBS set
to a value of 1.
INT, FRAC, MOD, AND R COUNTER
RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the reference
path, make it possible to generate VCO frequencies spaced by
fractions of the fPFD. To calculate fPFD, use the REF_IN frequency
and the reference path configuration parameters as follows:
fPFD=REF_INFrequency× 1+D
R×(1+T)
(5)
where:
D is the reference doubler bit (0 or 1).
R is the reference divide ratio of the binary, 5-bit programmable
counter (1 to 32).
T is the reference divide by 2 bit (0 or 1).
To calculate the VCO frequency (fVCO), use the following equation:
fVCO = fLO/2 = fPFD × N
(6)
where:
fLO is the frequency of the LO driving the mixer.
N is the desired value of the N counter.
The N counter value is defined by the following:
N=INT+FRAC1+FRAC2MOD2
MOD1
(7)
where:
INT is the 16-bit integer value. When using the 4/5 prescaler, INT =
23 to 511, and when using the 8/9 prescaler, INT = 75 to 1023.
FRAC1 is the numerator of the primary modulus (0 to 33,554,431).
FRAC2 is the numerator of the 14-bit auxiliary modulus (0 to
16,383).
MOD2 is a programmable, 14-bit auxiliary fractional modulus (2 to
16,383).
MOD1 is a 25-bit primary modulus with a fixed value of 225 =
33,554,432.
Figure 90. Reference Input Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com