Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 60 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 56Page - Analog Devices ADMV4530 Datasheet HTML 57Page - Analog Devices ADMV4530 Datasheet HTML 58Page - Analog Devices ADMV4530 Datasheet HTML 59Page - Analog Devices ADMV4530 Datasheet HTML 60Page - Analog Devices ADMV4530 Datasheet HTML 61Page - Analog Devices ADMV4530 Datasheet HTML 62Page - Analog Devices ADMV4530 Datasheet HTML 63Page - Analog Devices ADMV4530 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 60 of 64
Table 61. Bit Descriptions for REG0102
Bits
Bit Name
Description
Reset
Recommended
Access
7
IF_DET_EN_OVERRIDE
IF Detector Enable Override
0x0
0x0
R/W
0: disable (IF detector only active in power-down mode)
1: enable (IF detector always on)
6
AGC_EN_OVERRIDE
AGC Enable Override
0x0
0x0
R/W
0: disable (IF AGC only active in power-down mode)
1: enable (IF AGC always on)
5
IF_VVA_CFG
IF VVA Configuration
0x1
I/Q mode: 0x0,
R/W
0: disable (I/Q mode)
IF mode: 0x1
1: enable (IF mode)
4
RESERVED
Reserved
0x1
0x1
R/W
[3:1]
IFAMP_EN
IF Amplifier Enable
0x7
I/Q mode: 0x0,
R/W
000: disable (I/Q mode)
IF mode: 0x7
111: enable (IF mode)
0
RESERVED
Reserved
0x1
0x1
R/W
Address: 0x103, Reset: 0x51, Name: REG0103
Table 62. Bit Descriptions for REG0103
Bits
Bit Name
Description
Reset
Recommended
Access
7
RESERVED
Reserved.
0x0
0x0
R/W
[6:0]
MIXER_VCM
Mixer Common-Mode Voltage.
0x51
I/Q mode: 0x5D,
R/W
In I/Q mode, for VCM = 0.0 V to 1.5 V, set MIXER_VCM = ROUND(23.8 × VCM + 80.7). In I/Q
mode, VCM for = 1.5 V to 2.5 V, set MIXER_VCM = ROUND(23.8 × VCM + 1.3). The default in I/Q
mode for VCM = 0 V, is MIXER_VCM = 81 = 0x51.
IF mode: 0x5B
In IF mode, set MIXER_VCM = ROUND(0.3 × (128 − TARGET_MIXER_DC_OFFSET) + 80.7)
Address: 0x104, Reset: 0x5F, Name: REG0104
Table 63. Bit Descriptions for REG0104
Bits
Bit Name
Description
Reset
Recommended
Access
7
RESERVED
Reserved.
0x0
0x0
R/W
[6:0]
PHASE_ADJ_I
LO Phase Adjustment Path I
0x5F
0x5F
R/W
Address: 0x105, Reset: 0x5F, Name: REG0105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com