Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 40 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 36Page - Analog Devices ADMV4530 Datasheet HTML 37Page - Analog Devices ADMV4530 Datasheet HTML 38Page - Analog Devices ADMV4530 Datasheet HTML 39Page - Analog Devices ADMV4530 Datasheet HTML 40Page - Analog Devices ADMV4530 Datasheet HTML 41Page - Analog Devices ADMV4530 Datasheet HTML 42Page - Analog Devices ADMV4530 Datasheet HTML 43Page - Analog Devices ADMV4530 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
Data Sheet
ADMV4530
REGISTER SUMMARY
analog.com
Rev. C | 40 of 64
N/A means not applicable, R means read, and R/W means read/write.
Table 9. Register Summary
Reg
(Hex) Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Recommended R/W
000
REG0000
[7:0] SOFT_
RESET_R
LSB_FIRST
_R
ADDR_
ASCN_
R
SDO_
ACTIVE_R
SDO_
ACTIVE
ADDR_
ASCN
LSB_FIRST SOFT_
RESET
0x00
0x18
R/W
001
REG0001
[7:0] SINGLE_
INSTRUC-
TION
CSB_
STALL
CONTR
OLLER
_TARG
ET_RB
RESERVED
0x00
0x00
R/W
003
REG0003
[7:0]
RESERVED
CHIP_TYPE
0x01
N/A
R
004
REG0004
[7:0]
PRODUCT_ID[7:0]
0x21
N/A
R
005
REG0005
[7:0]
PRODUCT_ID[15:8]
0x00
N/A
R
00A
REG000A
[7:0]
SCRATCH_PAD
0x00
User defined
R/W
00B
REG000B
[7:0]
SPI_REV
0x01
N/A
R
00C
REG000C [7:0]
VENDOR_ID[7:0]
0x56
N/A
R
00D
REG000D [7:0]
VENDOR_ID[15:8]
0x04
N/A
R
010
REG0010
[7:0]
BIT_INTEGER_WORD[7:0]
0x80
User defined
R/W
011
REG0011
[7:0]
BIT_INTEGER_WORD[15:8]
0x00
User defined
R/W
012
REG0012
[7:0] RESERVED AUTOCAL_
EN
PRE_
SEL
RESERVED
0x00
User defined
R/W
014
REG0014
[7:0]
FRAC1WORD[7:0]
0x00
User defined
R/W
015
REG0015
[7:0]
FRAC1WORD[15:8]
0x00
User defined
R/W
016
REG0016
[7:0]
FRAC1WORD[23:16]
0x00
User defined
R/W
017
REG0017
[7:0]
FRAC2WORD[6:0]
FRAC1WO
RD[24]
0x00
User defined
R/W
018
REG0018
[7:0] RESERVED
FRAC2WORD[13:7]
0x00
User defined
R/W
019
REG0019
[7:0]
MOD2WORD[7:0]
0x00
User defined
R/W
01A
REG001A
[7:0]
RESERVED
MOD2WORD[13:8]
0x00
User defined
R/W
01B
REG001B
[7:0]
PHASE_WORD[7:0]
0x00
0x09
R/W
01C
REG001C [7:0]
PHASE_WORD[15:8]
0x00
0x00
R/W
01D
REG001D [7:0]
PHASE_WORD[23:16]
0x00
0x80
R/W
01E
REG001E
[7:0]
CP_CURRENT
PD_POL
PLL_PD
RESERVED CNTR_
RESET
0x00
2.1 mA: 0x58,
4.2 mA: 0xB8
R/W
01F
REG001F
[7:0]
RESERVED
R_WORD
0x00
≥0x01
R/W
020
REG0020
[7:0]
MUXOUT
MUXOUT_
SEL
MUXOUT_
LEV_SEL
RESERVED
0x00
Data: 0x14,
mux: 0x1C
R/W
022
REG0022
[7:0]
RESERVED
REF_
X2_EN
RDIV2
RESERVED
0x00
User defined
R/W
025
REG0025
[7:0]
RESERVED
VCO_POUT_SEL
0x00
0x03
R/W
026
REG0026
[7:0]
CP_BLEED
0x00
0x73
R/W
027
REG0027
[7:0]
LD_BIAS
LDP
CP_BLEED
_GATE
CP_BLEED
_EN
VCO_PD
RF_PBS
0x00
FRAC: 0xC9,
INT: 0xE1
R/W
028
REG0028
[7:0]
RESERVED
LD_COUNT
LOL_EN
0x00
0x03
R/W
02A
REG002A
[7:0]
RESERVED
CP_
BLEED
_POL
RESERVED CSB_SYNC
RESERVED
0x00
0x00
R/W
02B
REG002B
[7:0]
RESERVED
LSB_P1 VAR_MOD_
EN
RESERVED SD_MASK_
RESET_EN
RESERVED SD_PD
0x00
FRAC: 0x10,
INT: 0x01
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com