Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 34 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices ADMV4530 Datasheet HTML 35Page - Analog Devices ADMV4530 Datasheet HTML 36Page - Analog Devices ADMV4530 Datasheet HTML 37Page - Analog Devices ADMV4530 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Data Sheet
ADMV4530
THEORY OF OPERATION
analog.com
Rev. C | 34 of 64
MUXOUT
The output multiplexer on the ADMV4530 allows the user to access
various internal signals on the chip. The MUXOUT bit field (Register
0x020, Bits[7:4]) shown in Table 34 lists the available signals. When
MUXOUT_SEL (Register 0x20, Bit 3) is set to 1, the MUXOUT
signal is present on the SDO output pin. Otherwise, the SDO pin is
configured for SPI data output.
DIGITAL LOCK DETECT
A digital lock detect function is available on the SDO pin when both
the MUXOUT and MUXOUT_SEL bits are set to 1. The digital lock
detect function is also available by reading the LD_READBACK bit
(Register 0x07C, Bit 0). A logic high indicates that the digital lock
detect has declared the PLL is locked.
The digital lock detect function has some adjustable settings in
Register 0x027 and Register 0x028. The LD_BIAS and LDP bits
adjust an internal precision window and the LD_COUNT bits adjust
the consecutive cycle count to declare PLL lock. It is recommended
to keep the settings listed in the register map. For special applica-
tions, contact Analog Devices Technical Support for guidance on
adjusting these settings.
VCO AUTOCALIBRATION
The internal VCO uses an internal autocalibration routine that opti-
mizes the VCO settings for a particular frequency and allows the
PLL to lock in approximately 100 µs after the lower portion of
the N counter integer value (Register 0x010) is programmed. For
nominal applications, maintain the autocalibration default values in
the register map (Register 0x030 to Register 0x034).
For applications where it is desirable to bypass the autocalibration
routine, there are two necessary procedures. First, generate a
lookup table of the resultant VCO calibration data (core and band
parameters) for each desired VCO frequency. Second, bypass the
autocalibration routine and manually write the lookup table values.
Generate a new table for every chip because each chip is unique.
VCO CALIBRATION DATA READ BACK
To read back the VCO calibration data, load the required registers,
let the device lock using autocalibration, and read the VCO parame-
ters for each frequency. It is important to ensure that autocalibration
has completed before readback. Reading back values before auto-
calibration has completed results in incorrect values being read.
The bits used for read back include the following:
►
Register 0x033, Bits[7:5], VCO_FSM_READBACK
►
Register 0x06E, Bits[4:0], VCO_DATA_READBACK
►
Register 0x06F, Bit 0, VCO_DATA_READBACK
The VCO_FSM_READBACK bits set what data is sent to the
VCO_DATA_READBACK bits.
To read the VCO parameters, take the following steps:
1. Program the device to lock at the desired frequency by using
the autocalibration feature. Users must wait for the device to
lock.
2. Set VCO_FSM_READBACK = 1 to allow readback of the VCO
band and the core.
3. Read Register 0x06F, Bit 0 to read back the current VCO core.
The ADMV4530 has only one VCO core. Therefore, this value
must always be 1.
4. Read Register 0x06E, Bits[4:0] to read back the VCO band.
Repeat Step 1 through Step 4 for each required frequency to build
a lookup table of values.
VCO CALIBRATION DATA MANUAL WRITING
The VCO parameters for each required frequency force the device
to the target frequency core and band without the use of autocali-
bration.
The bits used for writing to the VCO parameters include the follow-
ing:
►
Register 0x034, Bits[7:5], VCO_FSM_TEST_MODES
►
Register 0x037, Bits[7:0], SI_BAND_SEL
►
Register 0x038, Bits[7:4], SI_VCO_SEL
To write the VCO parameters, take the following steps:
1. At power-up, set up the serial port interface and initialize the
device as necessary for normal operation.
2. Set AUTOCAL_EN = 0 (Register 0x012, Bit 6) to disable auto-
calibration.
3. Set VCO_FSM_TEST_MODES = 010 to overwrite the VCO
core and band.
4. Program the registers, except Register 0x010, as required for
the target frequency. This step is frequency dependent.
5. Set SI_VCO_SEL = 1. Even though the ADMV4530 has only
one VCO core, it is still necessary to program this bit because
this bit tells the internal finite state machine to enable the VCO.
6. Set SI_BAND_SEL to the desired band from the previously
generated lookup table.
7. Write to Register 0x010. When this register is written to, the de-
vice locks to the new frequency.
Repeat Step 4 through Step 7 as required for setting the appropri-
ate VCO frequency.
AUTOCALIBRATION LOCK TIME
The PLL lock time divides into a number of settings. The total lock
time for changing frequencies is the sum of three separate times:
synthesizer lock, VCO band selection, and PLL settling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com