Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 35 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices ADMV4530 Datasheet HTML 35Page - Analog Devices ADMV4530 Datasheet HTML 36Page - Analog Devices ADMV4530 Datasheet HTML 37Page - Analog Devices ADMV4530 Datasheet HTML 38Page - Analog Devices ADMV4530 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Data Sheet
ADMV4530
THEORY OF OPERATION
analog.com
Rev. C | 35 of 64
SYNTHESIZER LOCK TIMEOUT
The synthesizer lock timeout ensures that the VCO calibration digi-
tal-to-analog converter (DAC), which forces the VCO tune voltage
(VVTUNE), has settled to a steady value for the band select circuitry.
The SYNTH_LOCK_TIMEOUT and the TIMEOUT bits select the
length of time the DAC is allowed to settle to the final voltage before
the VCO calibration process continues to the next phase (VCO
band selection). The PFD frequency is the clock for this logic, and
the duration is set by using the following equation:
(SYNTH_LOCK_TIMEOUT × 1024 + TIMEOUT)/fPFD
(15)
where:
SYNTH_LOCK_TIMEOUT is programmed in Bits[4:0], Register
0x033.
TIMEOUT is programmed in Bits[7:0], Register 0x031 and Bits[1:0],
Register 0x032.
The calculated time must be greater than or equal to 20 µs.
For the SYNTH_LOCK_TIMEOUT bits, the minimum value is 2, and
the maximum value is 31.
For TIMEOUT, the minimum value is 2, and the maximum value is
1023.
VCO BAND SELECTION TIME
Use the VCO_BAND_DIV bits (Bits[7:0], Register 0x030) and the
fPFD to generate the VCO band selection clock (fBSC) as follows:
fBSC = (fPFD/VCO_BAND_DIV)
(16)
The calculated frequency must be less than 2.4 MHz.
Note that 16 clock cycles are required for one VCO core and band
calibration step and the total band selection process takes 11 steps,
resulting in the following equation:
11 × (16 × VCO_BAND_DIV/fPFD)
(17)
The minimum value for VCO_BAND_DIV is 1, and the maximum
value is 255.
PLL SETTLING TIME
The time taken for the loop to settle is inversely proportional to the
low-pass filter bandwidth.
CHIP TEMPERATURE READ BACK
Chip temperature readback can provide information regarding sys-
tem temperature, which is useful for system compensation.
The ADMV4530 includes an analog-to-digital converter (ADC) that
enables reading the chip temperature. The ADC clock (ADC_CLK)
is generated from the phase frequency detector clock (fPFD) with the
following equations:
ADC_CLK= fPFD
ADC_CLK_DIV × 4 + 2
(18)
where ADC_CLK_DIV is stored in Register 0x035.
A valid reference signal is required to complete a conversion.
Target 100 kHz for ADC_CLK and calculate ADC_CLK_DIV with
the following equation:
ADC_CLK_DIV = ceiling fPFD100,000– 24 (19)
If ADC_CLK_DIV is greater than 255, set these bits to 255.
The bits used for temperature readback are the following:
►
Register 0x032, Bit 2, ADC_ENABLE
►
Register 0x032, Bit 3, ADC_CONVERSION
►
Register 0x033, Bits[7:5], VCO_FSM_READBACK
►
Register 0x06E, Bits[7:0], VCO_DATA_READBACK[7:0]
►
Register 0x073, Bit 2, ADC_CLK_DISABLE
To read back the temperature, take the following steps:
1. Set ADC_ENABLE = 1 to enable the ADC.
2. Set ADC_CONVERSION = 1 to perform an ADC conversion.
3. Wait 16 ADC_CLK cycles.
4. Set VCO_FSM_READBACK = 101 (skip this step if it is already
set).
5. Read the VCO_DATA_READBACK bits in Register 0x06E to
read back the raw ADC output that corresponds to the chip
temperature (RAW_TEMP).
6. Set ADC_CONVERSION = 0 to disable the conversion.
7. Set ADC_ENABLE = 0 to disable the ADC, which pre-
vents any spurs generated by the ADC clock. Similarly, the
ADC_CLK_DISABLE bit can disable the ADC clock.
Perform Step 1 and Step 2 separately. However, Step 6 and Step 7
can be completed together.
To calculate the approximate chip temperature in Celsius (°C), use
the following equation:
Chip Temperature = −115°C + RAW_TEMP
(20)
RF OUTPUT DRIVER
As shown in the functional block diagram (see Figure 1), the
ADMV4530 incorporates two driver stages along with a voltage
variable attenuator (VVA) in the RF output section of the chip. The
VCTR_RF pin (Pin 4) is connected to the VVA, which adjusts the
RF output gain. The voltage range for the VCTR_RF pin is 0 V to
1.8 V, with a positively sloping linear region between 0.6 V to 1.5
V, as shown in Figure 8. The typical slope within linear region is 32
dB/V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com